Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-BGA-9030 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SM-BGA-9030
Description  Easily removalbe swivel socket lid
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9030 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9030 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9030 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9030 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9030 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9030 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
5
1
6
7
14
8
9
10
12
13
11
4
2
12.725
4.00
4.00 (X4)
2.50
5.00
5.30
ITEM NO.
DESCRIPTION
Material
QTY.
1
GHz Socket Base 10mm IC 3mm Thk
7075-T6
Aluminum Alloy
1
2
Socket Lid
7075-T6
Aluminum Alloy
1
3
Compression Screw M6x1
Stainless Steel
(18-8)
1
4
Compression Plate 5.75mmx5.8mm IC
7075-T6
Aluminum Alloy
1
5
test chip
Material <not
specified>
1
6
IC guide for 5.8mm x 5.75mm IC
Torlon 4203
1
7
BGA ball guide 16x27 array 0.4mmx0.35mm interstitial pitch
BGA216
Kapton
Polyimide/Cirlex
1
8
SM elastomer for5.75mmx5.8mm 0.4mm pitch 216 ball BGA
Silmat
1
9
test pcb
FR4 High temp
1
10
10x10mm 5 post backing plate
7075-T6
Aluminum Alloy
1
11
#0-80 Shoulder Screw, 0.062" thread length
Stainless Steel
(303)
4
12
Dowel Pin, 1/32" x 3/16", SS
Chrome
Stainless Steel
2
13
#0-80 X .313 LG, SOC HD CAP SCREW, ALLOY STL, BLK
OXIDE
Alloy Steel
4
14
Insulating washer, 4mm OD.
Kapton
Polyimide/Cirlex
5
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SM socket for 5.75x5.8mm, 16x27 0.4mmx0.35mm interstitial pitch BGA216
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. B
DATE: 5/22/2013
Material: N/A
Finish: N/A
Weight: 6.41
SM-BGA-9030 Drawing
SCALE: 3:1
SHEET: 4 OF 5
DRAWN BY: S. Faiz
FILE: SM-BGA-9030 Dwg


Similar Part No. - SM-BGA-9030

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9033 IRONWOOD-SM-BGA-9033 Datasheet
521Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9035 IRONWOOD-SM-BGA-9035 Datasheet
407Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9036 IRONWOOD-SM-BGA-9036 Datasheet
465Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - SM-BGA-9030

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9050 IRONWOOD-SM-BGA-9050 Datasheet
459Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9046 IRONWOOD-SM-BGA-9046 Datasheet
455Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9055 IRONWOOD-SM-BGA-9055 Datasheet
504Kb / 5P
   Easily removalbe swivel socket lid
GT-BGA-2046 IRONWOOD-GT-BGA-2046 Datasheet
564Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9007 IRONWOOD-SM-BGA-9007 Datasheet
342Kb / 4P
   Easily removalbe swivel socket lid
SG-BGA-6376 IRONWOOD-SG-BGA-6376 Datasheet
357Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6423 IRONWOOD-SG-BGA-6423 Datasheet
225Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2042 IRONWOOD-GT-BGA-2042 Datasheet
389Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3001 IRONWOOD-GT-QFN-3001 Datasheet
353Kb / 4P
   Easily removable swivel socket lid
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com