Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-BGA-9016 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SM-BGA-9016
Description  Highly compliant to accommodate wide co-planarity variations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9016 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SM-BGA-9016 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9016 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9016 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9016 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
customer's target PCB
Recommended torque = 4-5 in-lbs
16.225
B
B
TOP VIEW
10.6928
9.525
socket base screw length
4.00
1.80 min
17.7250
SECTION B-B
SM BGA SOCKET - direct mount, solderless
Features
• Directly mounts to target PCB (needs tooling holes) with hardware.
• Wide temperture range (-55C to +155C).
• High current capability (up to 4 A).
• Excellent signal integrity a high frequencies.
• Low and stable contact resistance for reliable production yield.
• Highly compliant to accommodate wide co-planarity variations.
• Automated probe manufacturing enables low cost and short lead time.
Silver ball matrix elastomer
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 8/2/2012
Material: N/A
Finish: N/A
Weight: 7.16
SM-BGA-9016 Drawing
SCALE: 3.5:1
SHEET: 1 OF 4
DRAWN BY: S. Huang
FILE: SM-BGA-9016


Similar Part No. - SM-BGA-9016

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9010 IRONWOOD-SM-BGA-9010 Datasheet
387Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-BGA-9012 IRONWOOD-SM-BGA-9012 Datasheet
385Kb / 4P
   Direct mounts to target PCB with hardware
SM-BGA-9013 IRONWOOD-SM-BGA-9013 Datasheet
248Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SM-BGA-9016

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com