Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-BGA-9043 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SM-BGA-9043
Description  Direct mounts to target PCB with hardware
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9043 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SM-BGA-9043 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9043 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9043 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9043 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5.70±0.08
6.50±0.08
TOP VIEW
Pin A1 orientation
A
B
B
SEATING PLANE
C
0.25
0.40
6.00
5.20
0.25
0.275±0.050
Ironwood package code: BGA178A
0.10 M C A B
0.05 M C
0.555±0.020
0.74±0.03
0.185±0.025
DETAIL B
0.08
0.01 C
C
Dimensions are in millimeters.
1.
Interpret dimensions and tolerances per ASME Y14.5M-1994.
2.
Ball diameter is measured at the maximum solder ball diameter, parallel to datum plane C.
3.
Datum C (seating plane) is defined by the spherical crowns of the solder balls.
4.
Parallelism measurement shall exclude any effect of mark on top surface of package.
5.
Compatible BGA IC
BOTTOM VIEW
FRONT VIEW
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: IC package
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 12/12/2013
Material: N/A
Finish: N/A
Weight: 6.53
SM-BGA-9043 Drawing
SCALE: 10:1
SHEET: 3 OF 4
ENG: S. Faiz
FILE: SM-BGA-9043 Dwg
DRAWN BY: M. Raske


Similar Part No. - SM-BGA-9043

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SM-BGA-9041 IRONWOOD-SM-BGA-9041 Datasheet
416Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9042 IRONWOOD-SM-BGA-9042 Datasheet
670Kb / 6P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9044 IRONWOOD-SM-BGA-9044 Datasheet
499Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9045 IRONWOOD-SM-BGA-9045 Datasheet
322Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SM-BGA-9043

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9015 IRONWOOD-SM-BGA-9015 Datasheet
504Kb / 5P
   Direct mounts to target PCB with hardware
SM-BGA-9012 IRONWOOD-SM-BGA-9012 Datasheet
385Kb / 4P
   Direct mounts to target PCB with hardware
CG-BGA-4001 IRONWOOD-CG-BGA-4001 Datasheet
182Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4002 IRONWOOD-CG-BGA-4002 Datasheet
145Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5008 IRONWOOD-CG-BGA-5008 Datasheet
157Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4009 IRONWOOD-CG-BGA-4009 Datasheet
132Kb / 4P
   Directly mounts to target PCB with hardware
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com