Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-7220 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-7220
Description  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-7220 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-7220 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-7220 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-7220 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-7220 Datasheet HTML 4Page - Ironwood Electronics. SG-BGA-7220 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
23.525±0.125 BACKING PLATE
24.225±0.125 SOCKET BASE
4x
1.71±0.10
Non plated mounting hole
2x
0.85±0.025
Non plated alignment hole
21.725
8.3225
10.8625
10.8625
5.7825
1.250±0.125
1.250±0.125
7.6125
4.6875
7.00
12.35
0.50 typ.
0.65 typ.
0.32 pad
A1
*Note: BGA pattern is shifted .25 to the right
with respect to the mounting holes.
Target PCB Recommendations
Total thickness: 1.5mm min.
Plating: Gold or Solder finish
PCB pads height: same or higher than solder mask
Top View
Note:
Full BGA array is shown.
Adjust pattern according
to individual requirements.
SHEET 2 OF 4
SCALE: 3:1
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001"], PCB perimeters ±0.13mm [±0.005"], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommmended PCB layout
Primary dimension units are millimeters, Secondary dimension units are [inches].
SG-BGA-7220 Drawing
STATUS: Released
DRAWN BY: E. Smolentseva
File: SG-BGA-7220 Dwg
REV. B
DATE:
FINISH: N/A
MATERIAL: N/A
WEIGHT: 25.58


Similar Part No. - SG-BGA-7220

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-7207 IRONWOOD-SG-BGA-7207 Datasheet
298Kb / 5P
   Ball guide prevents over compression of elastomer
SG-BGA-7219 IRONWOOD-SG-BGA-7219 Datasheet
301Kb / 6P
   Compression plate distributes forces evenly
SG-BGA-7231 IRONWOOD-SG-BGA-7231 Datasheet
84Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7235 IRONWOOD-SG-BGA-7235 Datasheet
131Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7237 IRONWOOD-SG-BGA-7237 Datasheet
271Kb / 4P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-7220

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com