Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8707LV Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM8707LV
Description  Clock Generator with Dual PLLs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8707LV Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM8707LV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8707LV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8707LV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8707LV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8707LV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8707LV Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8707LV Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8707LV Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8707LV Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SM8707 series
NIPPON PRECISION CIRCUITS INC.—11
SM8707H
fXTAL = 27.0000MHz, VDD = 3.3V ± 0.3V, VSS = 0V, Ta = – 40 to + 85 °C unless otherwise noted.
Parameter
Symbol
Pins
Condition
Rating
Unit
min
typ
max
External input clock
frequency1
1. When using an external clock input, the XTI duty should be 50% with 3.3V clock signal amplitude level. The input signal voltage should not exceed the
absolute maximum rating, otherwise damage may occur.
fXTI
XTI
Applies to external clock input use only
27.0000
MHz
Output clock rise time2
2. The numeric values are measured values obtained using the circuit in Figure 1 and the NPC standard evaluation board.
tr
MO1, MO2,
SO2, SO3
CL = 25 pF, transition between VOL =
0.2VDD and VOH = 0.8VDD
2.0
ns
SO1, AO1
CL = 15pF, transition between
VOL = 0.2VDD and VOH = 0.8VDD
2.0
Output clock fall time2
tf
MO1, MO2,
SO2, SO3
CL = 25pF, transition between VOH =
0.8VDD and VOL = 0.2VDD
2.0
ns
SO1, AO1
CL = 15pF, transition between
VOH = 0.8VDD and VOL = 0.2VDD
2.0
Output clock jitter3
3. The numeric values are measured values obtained using the circuit in Figure 2 and the NPC standard evaluation board.
tjitter
(1-sigma)
MO1, MO2
Ta = 25
°C, CL = 25pF, VO = 0.5VDD
–20–
ps
SO2, SO3
70
SO1, AO1
Ta = 25
°C, CL = 15pF, VO = 0.5VDD
–70–
Output clock duty cycle2
Dt
MO1, MO2,
SO2, SO3
Ta = 25
°C, CL = 25pF, VO = 0.5VDD
45
50
55
%
SO1, AO1
Ta = 25
°C, CL =15 pF, VO = 0.5VDD
45
50
55
Settling time2
tS
All outputs
excluding XTO
––1
µs
Power-up time2, 4
4. This is the time, after the supply is turned ON from the OFF state, until the output clock reaches
± 0.1% of the specified frequency.
tP
All outputs
excluding XTO
–15
ms


Similar Part No. - SM8707LV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
SM8707F NPC-SM8707F Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
More results

Similar Description - SM8707LV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
logo
Nippon Precision Circui...
SM8707E NPC-SM8707E Datasheet
380Kb / 12P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577_16 Datasheet
746Kb / 44P
   Clock Generator with Dual PLLs, Spread Spectrum, and Margining
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
logo
Maxim Integrated Produc...
MAX9471 MAXIM-MAX9471 Datasheet
3Mb / 13P
   Multiple-Output Clock Generators with Dual PLLs and OTP
Rev 1; 8/06
logo
Texas Instruments
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com