Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAS69278P-30D41F Datasheet(PDF) 3 Page - Laird Tech Smart Technology

Part # PAS69278P-30D41F
Description  Compatibilidade com RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PAS69278P-30D41F Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  PAS69278P-30D41F Datasheet HTML 1Page - Laird Tech Smart Technology PAS69278P-30D41F Datasheet HTML 2Page - Laird Tech Smart Technology PAS69278P-30D41F Datasheet HTML 3Page - Laird Tech Smart Technology PAS69278P-30D41F Datasheet HTML 4Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIAGRAMA DE RADIAÇÃO
960 MHz
1710 MHz
1950 MHz
Plano Horizontal
Plano Horizontal
Plano Horizontal
Porta 1
Porta 1
Porta 1
Porta 1
Porta 1
Porta 1
Porta 2
Porta 2
Porta 2
Porta 2
Porta 2
Porta 2
Plano Vertical
Plano Vertical
Plano Vertical
Américas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europa: +44.1628.858941
IAS-EUSales@lairdtech.com
Ásia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
PAS69278P
Antena Painel Direcional / Baixa Intermodulação Passiva (PIM)
698-960 MHz / 1710-2700 MHz - 2 Portas MIMO
Montagem em mastro


Similar Part No. - PAS69278P-30D41F

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PAS69278 LSTD-PAS69278 Datasheet
511Kb / 2P
   Weatherproof UV stable radome
PAS69278-91NF LSTD-PAS69278-91NF Datasheet
511Kb / 2P
   Weatherproof UV stable radome
PAS69278-FNF LSTD-PAS69278-FNF Datasheet
511Kb / 2P
   Weatherproof UV stable radome
More results

Similar Description - PAS69278P-30D41F

ManufacturerPart #DatasheetDescription
logo
VIA Technologies, Inc.
COME-9X90 VIA-COME-9X90 Datasheet
946Kb / 3P
   COM Express Modules
logo
Maxim Integrated Produc...
DS9097 MAXIM-DS9097 Datasheet
183Kb / 3P
   COM Port Adapter
8/09
logo
Axiomtek Co., Ltd.
CAPA831 AXIOMTEK-CAPA831 Datasheet
283Kb / 1P
   4 COM ports
logo
Dallas Semiconductor
DS9097E DALLAS-DS9097E Datasheet
75Kb / 2P
   COM Port Adapter
logo
Axiomtek Co., Ltd.
SBC84832 AXIOMTEK-SBC84832 Datasheet
270Kb / 1P
   2 COM ports
IPC910H AXIOMTEK-IPC910H Datasheet
578Kb / 2P
   4 COM ports
logo
Advantech Co., Ltd.
USC-P06-H01 ADVANTECH-USC-P06-H01 Datasheet
945Kb / 1P
   PowerUSBCOM hub
5-Jul-2023
logo
Axiomtek Co., Ltd.
NANO831 AXIOMTEK-NANO831 Datasheet
327Kb / 1P
   2 COM ports
PICO100 AXIOMTEK-PICO100 Datasheet
291Kb / 1P
   2 COM ports
PICO830 AXIOMTEK-PICO830 Datasheet
338Kb / 1P
   2 COM ports
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com