Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSF-1-100-2700-K Datasheet(PDF) 4 Page - TT Electronics.

Part # HSF-1-100-2700-K
Description  High Surge Film Surface Mount Metal GlazeTM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HSF-1-100-2700-K Datasheet(HTML) 4 Page - TT Electronics.

  HSF-1-100-2700-K Datasheet HTML 1Page - TT Electronics. HSF-1-100-2700-K Datasheet HTML 2Page - TT Electronics. HSF-1-100-2700-K Datasheet HTML 3Page - TT Electronics. HSF-1-100-2700-K Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surge Capability Data
Power Derating Curve
Ambient Temperature (C)
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
100
80
60
40
20
0
Note:
Use for low repetitive pulses where the average power
dissipation is not to exceed the component rating at 70°C.
Surge handling capacity for low-repetitive surges may be
significantly greater than shown above. Contact factory
Ordering Data
Sample Part No.
Type
HSF-1 or HSF-2
Temperature Coefficient
200 = ±200ppm/°C (standard)
Note – Standard TCR is ±200ppm/°C. TCR of ±100ppm/°C is available at
selected values on request.
Resistance Value
Standard 4-digit resistance code.
Tolerance
K = 10%
Lead-Free Construction
Packaging Code
BLK = Bulk, 7 = 7" Reel, 13 = 13" Reel
HSF-1
200
11R0
K
LF
13
HSF
High Surge Film
Surface Mount Metal GlazeTM
HSF-1 Series Issue October 2010 Sheet 4 of 4
1
10
100
1000
10000
100000
1000000
1.0E-09
1.0E-08
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
Surge or Pulse Duration (Seconds)
2512 CHP, HSF SURGE CAPABILITY
for Non-repetitive or Low Repetition Rate Surges
1
10
100
1,000
10,000
100,000
1,000,000
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Surge or Pulse Duration (seconds)
For Non-repetitive or Low Repetitive Rate Surges on HSF-1
High Surge Film
Surface Mount Metal Glaze™
HSF Series
04.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - HSF-1-100-2700-K

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HSF-1-100-11R0-K-LF-13 IRCTT-HSF-1-100-11R0-K-LF-13 Datasheet
413Kb / 2P
   METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
HSF-1-100-11R0-K-LF-7 IRCTT-HSF-1-100-11R0-K-LF-7 Datasheet
413Kb / 2P
   METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
HSF-1-100-11R0-K-LF-BLK IRCTT-HSF-1-100-11R0-K-LF-BLK Datasheet
413Kb / 2P
   METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
More results

Similar Description - HSF-1-100-2700-K

ManufacturerPart #DatasheetDescription
logo
RFE international
LRT RFE-LRT Datasheet
795Kb / 8P
   SURFACE MOUNT METAL FILM RESISTORS
2022.04.20
logo
Vishay Siliconix
PSF VISHAY-PSF Datasheet
90Kb / 4P
   Metal Film Resistors, High Precision, High Stability, Surface Mount
Revision: 13-Jul-12
logo
Riedon Powertron
SF-2 RIEDON-SF-2_13 Datasheet
167Kb / 1P
   Surface Mount / Precision Metal Film Resistors
logo
Vishay Siliconix
WSF VISHAY-WSF_15 Datasheet
84Kb / 3P
   Metal Film Resistors, Power, Surface Mount
Revision: 06-Nov-14
WSF VISHAY-WSF_V01 Datasheet
92Kb / 3P
   Metal Film Resistors, Power, Surface Mount
01-Jan-2022
logo
Riedon Powertron
SF-2 RIEDON-SF-2 Datasheet
271Kb / 1P
   Surface Mount / Precision Metal Film Resistors
logo
Vishay Siliconix
WSF VISHAY-WSF Datasheet
92Kb / 3P
   Metal Film Resistors, Power, Surface Mount
logo
IRC - a TT electronics ...
HSF-1-50-11R0-K-LF-BLK IRCTT-HSF-1-50-11R0-K-LF-BLK Datasheet
413Kb / 2P
   METAL GLAZE GENERAL PURPOSE SURFACE MOUNT SURGE RESISTOR
logo
KOA Speer Electronics, ...
RN412BT KOA-RN412BT Datasheet
89Kb / 4P
   Surface Mount Coat-insulated Fixed Metal Film Resistors
logo
Vishay Siliconix
MSP VISHAY-MSP_15 Datasheet
90Kb / 5P
   Precision Surface Mount Resistors Wirewound or Metal Film Technologies
Revision: 24-Feb-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com