Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCCL05H150HTE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PTCCL05H150HTE
Description  265 V PTC Thermistors for Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL05H150HTE Datasheet(HTML) 4 Page - Vishay Siliconix

  PTCCL05H150HTE Datasheet HTML 1Page - Vishay Siliconix PTCCL05H150HTE Datasheet HTML 2Page - Vishay Siliconix PTCCL05H150HTE Datasheet HTML 3Page - Vishay Siliconix PTCCL05H150HTE Datasheet HTML 4Page - Vishay Siliconix PTCCL05H150HTE Datasheet HTML 5Page - Vishay Siliconix PTCCL05H150HTE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PTCCL - 265 V Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Sep-15
4
Document Number: 29087
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PTC THERMISTORS IN BULK
Fig. 1
PTC THERMISTORS ON TAPE AND REEL
Fig. 2
COMPONENTS PACKING INFORMATION
SAP ORDERING PART NUMBER
SPQ
PACKING OUTLINE
PTCCL05H....BE
500
Bulk
PTCCL05H....TE
1500
Tape and reel
PTCCL07H....BE
PTCCL09H....BE
250
Bulk
PTCCL07H....TE
PTCCL09H....TE
1500
Tape and reel
PTCCL11H....BE
PTCCL13H....BE
200
Bulk
PTCCL11H....TE
1500
Tape and reel
PTCCL13H....TE
750
Tape and reel
PTCCL17H....BE
100
Bulk
PTCCL21H....BE
50
Bulk
H2
H3
L1
d
F
DT
DIMENSIONS OF BULK TYPE PTCs (in mm)
DSee table
d
0.6 ± 0.05
T
5.5 max.
H2
4.0 ± 1.0
H3
D + 5 max.
L1
20 min.
F5.0
D
L
d
P0
P1
F
D0
W0
W2
W1 W
P
P
P
H0 H1
T1
t
H3
T
H2
h
h
TAPE AND REEL ACCORDING TO
IEC 60286-2 (in mm)
SYMBOL
PARAMETER
DIMENSIONS TOLERANCE
D
Body diameter
See table
max.
d
Lead diameter
0.6
± 0.05
P
Pitch of components
Diameter < 12 mm
Diameter
≥ 12 mm
12.7
25.4
± 1.0
± 2.0
P0
Feedhole pitch
12.7
± 0.3
F
Leadcenter to
leadcenter distance
(between component
and tape)
5.0
+ 0.5 /
- 0.2
H0
Lead wire clinch
height
16.0
± 0.5
H2
Component bottom
to seating plane
4.0
± 1.0
H3
Component top to
seating plane
D + 5
max.
H4
Seating plane
difference (left-right
lead)
0± 0.2
T
Total thinkness
5.5
max.


Similar Part No. - PTCCL05H150HTE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H150HTE VISHAY-PTCCL05H150HTE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H150HTE VISHAY-PTCCL05H150HTE Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
More results

Similar Description - PTCCL05H150HTE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCCL-600V VISHAY-PTCCL-600V_V01 Datasheet
91Kb / 3P
   600 V / 1000 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com