Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCCL05H930FTE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCCL05H930FTE
Description  145 V PTC Thermistors for Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL05H930FTE Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCCL05H930FTE Datasheet HTML 1Page - Vishay Siliconix PTCCL05H930FTE Datasheet HTML 2Page - Vishay Siliconix PTCCL05H930FTE Datasheet HTML 3Page - Vishay Siliconix PTCCL05H930FTE Datasheet HTML 4Page - Vishay Siliconix PTCCL05H930FTE Datasheet HTML 5Page - Vishay Siliconix PTCCL05H930FTE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PTCCL - 145 V Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Sep-15
2
Document Number: 29086
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The indicated current levels are guaranteed according IEC 60738 mounting conditions. For different mounting conditions the indicated
current levels can change and should be evaluated in the application.
(2) Iol max. is the maximum overload current that may flow through the PTC when it passes from the low ohmic to the high ohmic state.
UL approval: Iol max. x 0.85
CURRENT DEVIATION AS A FUNCTION OF THE AMBIENT TEMPERATURE
ELECTRICAL DATA AND ORDERING INFORMATION
Int MAX.
at 25 °C
(mA) (1)
It MIN.
at 25 °C
(mA) (1)
R25
± 20 %
(
Ω)
Iol MAX.
at 25 °C
(mA) (2)
Ires MAX. at
Vmax. and
25 °C (mA) (1)
DISSIP.
FACTOR
(mW/K) (1)
Ø D
MAX.
(mm)
ORDERING PART NUMBERS
BULK
TAPE ON REEL
47
70
240
200
9
7.3
5
PTCCL05H470FBE
PTCCL05H470FTE
65
100
115
300
11
7.3
5
PTCCL05H650FBE
PTCCL05H650FTE
93
140
55
450
13
7.3
5
PTCCL05H930FBE
PTCCL05H930FTE
110
165
40
500
13
7.3
5
PTCCL05H111FBE
PTCCL05H111FTE
130
195
28
600
13
7.3
5
PTCCL05H131FBE
PTCCL05H131FTE
170
255
19
1000
15
8.3
7
PTCCL07H171FBE
PTCCL07H171FTE
210
315
12
1400
15
8.3
7
PTCCL07H211FBE
PTCCL07H211FTE
250
375
9.4
2000
16.5
9
8.5
PTCCL09H251FBE
PTCCL09H251FTE
270
405
8
2200
16.5
9
8.5
PTCCL09H271FBE
PTCCL09H271FTE
320
480
6.7
3000
19
10.5
10.5
PTCCL11H321FBE
PTCCL11H321FTE
360
540
5.3
3500
19
10.5
10.5
PTCCL11H361FBE
PTCCL11H361FTE
410
615
4.6
4500
22.5
11.7
12.5
PTCCL13H411FBE
PTCCL13H411FTE
450
675
3.8
5000
22.5
11.7
12.5
PTCCL13H451FBE
PTCCL13H451FTE
600
900
2.9
7200
28.5
15.5
16.5
PTCCL17H601FBE
-
710
1065
2.1
8500
28.5
15.5
16.5
PTCCL17H711FBE
-
880
1320
1.7
11 000
37.5
19.8
20.5
PTCCL21H881FBE
-
1000
1500
1.3
13 000
37.5
19.8
20.5
PTCCL21H102FBE
-
250
200
50
150
100
0
%
-50
-25
025
50
75
100
T
amb (°C)
I
nt
I
ol max.
I
t


Similar Part No. - PTCCL05H930FTE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H930FTE VISHAY-PTCCL05H930FTE Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H930FTE VISHAY-PTCCL05H930FTE Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
More results

Similar Description - PTCCL05H930FTE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCCL-600V VISHAY-PTCCL-600V_V01 Datasheet
91Kb / 3P
   600 V / 1000 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com