Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCSL03T121DT1E Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCSL03T121DT1E
Description  PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCSL03T121DT1E Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCSL03T121DT1E Datasheet HTML 1Page - Vishay Siliconix PTCSL03T121DT1E Datasheet HTML 2Page - Vishay Siliconix PTCSL03T121DT1E Datasheet HTML 3Page - Vishay Siliconix PTCSL03T121DT1E Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PTCSL03
www.vishay.com
Vishay BCcomponents
Revision: 02-Mar-16
2
Document Number: 29160
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
ELECTRICAL CHARACTERISTICS
PARAMETER
VALUES
UNIT
Resistance at 25 °C
20 to 120
Maximum resistance between -20 °C and (Tn - 20) °C
250
Maximum resistance at -40 °C
300
Maximum resistance at (Tn - 5) °C
550
Minimum resistance at (Tn + 5) °C
1330
Minimum resistance at (Tn + 15) °C
4000
Maximum voltage
30
V (AC or DC)
L
D
H2
H1
F
T
d
COMPONENT DIMENSIONS in millimeters
D
4.0 max.
H1
7.0 max.
H2
3 max.
d
0.5 ± 0.05
L30 ± 3
F2.5
T
3.0 max.
TAPING DATA DIMENSIONS in millimeters (based on IEC 60286-2)
D
Body Diameter
4.0 max.
d
Lead Diameter
0.5 ± 0.05
F
Lead to lead center distance
2.5 + 0.5 / - 0.2
H
Component seating plane to tape-center
18.0 + 2.0
H1
Component top to tape-center
25 max.
h
Component alignment
0 ± 2
P, P0
Component pitch, sprocket hole pitch
12.7
T
Total thickness
3.0 max.
T1
Total thickness in line of tape
3.5 max.
W
Tape width
18 + 1.0 / - 0.5
T
h
h
d
P0
F
W
P
H1
H
T1
t
H2
D


Similar Part No. - PTCSL03T121DT1E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSL03 VISHAY-PTCSL03 Datasheet
87Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
01-Jan-2022
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
01-Jan-2022
More results

Similar Description - PTCSL03T121DT1E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSL20 VISHAY-PTCSL20 Datasheet
91Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
Revision: 04-Dec-15
PTCSL VISHAY-PTCSL Datasheet
109Kb / 5P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Oct-12
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
   PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
01-Jan-2022
PTCSGM3 VISHAY-PTCSGM3 Datasheet
107Kb / 4P
   PTC Thermistors, Lug Sensors for Over-Temperature Protection
Revision: 15-Dec-15
PTCSSLVT VISHAY-PTCSSLVT Datasheet
109Kb / 4P
   PTC Thermistors, Sleeve Type for Over-Temperature Protection
08-Feb-17
PTCSG VISHAY-PTCSG Datasheet
111Kb / 5P
   PTC Thermistors, For Temperature Protection
18-Jul-08
232267191002 VISHAY-232267191002 Datasheet
75Kb / 5P
   PTC Thermistors, For Temperature Protection
Revision: 10-Oct-03
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Vishay Siliconix
PTCSC17 VISHAY-PTCSC17 Datasheet
90Kb / 4P
   Mini Chips for Over-Temperature Protection
Revision: 08-Dec-15
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com