Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCCL07H111HBE Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PTCCL07H111HBE
Description  265 V PTC Thermistors for Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL07H111HBE Datasheet(HTML) 5 Page - Vishay Siliconix

  PTCCL07H111HBE Datasheet HTML 1Page - Vishay Siliconix PTCCL07H111HBE Datasheet HTML 2Page - Vishay Siliconix PTCCL07H111HBE Datasheet HTML 3Page - Vishay Siliconix PTCCL07H111HBE Datasheet HTML 4Page - Vishay Siliconix PTCCL07H111HBE Datasheet HTML 5Page - Vishay Siliconix PTCCL07H111HBE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PTCCL - 265 V Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Sep-15
5
Document Number: 29087
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL RESISTANCE / TEMPERATURE
CHARACTERISTIC
TYPICAL RESISTANCE / TEMPERATURE
CHARACTERISTIC
TYPICAL RESISTANCE / TEMPERATURE
CHARACTERISTIC
TYPICAL RESISTANCE / TEMPERATURE
CHARACTERISTIC
TYPICAL RESISTANCE / TEMPERATURE
CHARACTERISTIC
TYPICAL RESISTANCE / TEMPERATURE
CHARACTERISTIC
104
106
25 50 75 100 125 150 175 200 225
Temperature [°C]
107
0
250
103
105
108
102
PTCCL05H110HBE
PTCCL05H150HBE
PTCCL05H190HBE
PTCCL05H280HBE
103
105
108
25 50 75 100 125 150 175 200 225
Temperature [°C]
106
0
250
104
107
102
10
PTCCL05H950HBE
PTCCL05H630HBE
PTCCL05H390HBE
PTCCL05H760HBE
104
107
25 50 75 100 125 150 175 200 225
Temperature [°C]
105
0
250
103
106
10
1
102
PTCCL09H191HBE
PTCCL07H111HBE
PTCCL09H171HBE
PTCCL07H141HBE
104
106
25 50 75 100 125 150 175 200 225
Temperature [°C]
105
0250
103
10
1
102
PTCCL13H321HBE
PTCCL11H251HBE
PTCCL11H211HBE
PTCCL13H281HBE
104
106
25 50 75 100 125 150 175 200 225
Temperature [°C]
105
0
250
103
10
1
102
PTCCL17H491HBE
PTCCL17H401HBE
104
106
25 50 75 100 125 150 175 200 225
Temperature [°C]
105
0250
103
10
1
102
PTCCL21H701HBE
PTCCL21H591HBE
PTCCL21H801HBE


Similar Part No. - PTCCL07H111HBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL07H111HBE VISHAY-PTCCL07H111HBE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL07H111HBE VISHAY-PTCCL07H111HBE Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
More results

Similar Description - PTCCL07H111HBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCCL-600V VISHAY-PTCCL-600V_V01 Datasheet
91Kb / 3P
   600 V / 1000 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com