Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCCL09H541DBE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PTCCL09H541DBE
Description  30 V to 60 V PTC Thermistors for Overload Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCCL09H541DBE Datasheet(HTML) 3 Page - Vishay Siliconix

  PTCCL09H541DBE Datasheet HTML 1Page - Vishay Siliconix PTCCL09H541DBE Datasheet HTML 2Page - Vishay Siliconix PTCCL09H541DBE Datasheet HTML 3Page - Vishay Siliconix PTCCL09H541DBE Datasheet HTML 4Page - Vishay Siliconix PTCCL09H541DBE Datasheet HTML 5Page - Vishay Siliconix PTCCL09H541DBE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PTCCL - 30 V / 60 V Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Sep-15
3
Document Number: 29085
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VOLTAGE DERATING AS A FUNCTION OF AMBIENT TEMPERATURE
MAXIMUM OVERLOAD CURRENT Iol max. DERATING AS A FUNCTION OF VOLTAGE
Imax. as stated in the electrical data and ordering information tables, is the maximum overload current that may flow through the
PTC when passing from the low ohmic to high ohmic state at rated voltage.
When other PTC voltages are present after tripping, the Imax. value can be derived from the above Imax. as a function of voltage
graph. Voltages below Vrated will allow higher overload currents to pass the PTC.
TYPICAL TRIP-TIME AS A FUNCTION OF TRIP CURRENT RATIO
Trip-Time or Switching Time (ts)
To check the trip-time for a specific PTC, refer to the Electrical Data and Ordering Information tables for the value Int. Divide the
overload or trip current by this Int and you realize the factor It/Int. This rule is valid for any ambient temperature between 0 °C
and 85 °C. Adapt the correct non-trip current with the appropriate curve in the Current Deviation as a Function of the Ambient
Temperature graph. The relationship between the It/Int factor and the switching time is a function of the PTC diameter; see the
above graphs.
Example
What will be the trip-time at Iol = 3 A and Tamb = 0 °C of a thermistor type PTCCL09H471DBE; 2.5
Ω; Ø Dmax. = 8.5 mm:
Int from the table: 470 mA at 25 °C
Int: 470 x 1.12 = 526 mA (at 0 °C)
Overload current = 3 A; factor It/Int: 3/0.526 = 5.70. In the Typical trip-time as a function of trip current ratio graph, at the 8.5 mm
line and It/Int = 5.70, the typical trip-time is 1.7 s.
120
100
40
80
60
0
-25
-50
0
25
50
75
200
T
amb (°C)
20
100
125
150
175
100
120
150
200
100
150
80
I
ol max.
(%)
70
50
40
0
V
rated (%)
102
10
1
10-1
t
s
12
4
6
8
10
12
14
16
I
t/Int
(7)
(5)
(6)
(3)
(4)
(1)
(2)
Curve 1: Ø Dmax. = 20.5 mm
Curve 2: Ø Dmax. = 16.5 mm
Curve 3: Ø Dmax. = 12.5 mm
Curve 4: Ø Dmax. = 10.5 mm
Curve 5: Ø Dmax. = 8.5 mm
Curve 6: Ø Dmax. = 7.0 mm
Curve 7: Ø Dmax. = 5.0 mm
Measured in accordance
with
“IEC 60738”.


Similar Part No. - PTCCL09H541DBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL09H541DBE VISHAY-PTCCL09H541DBE Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL09H541DBE VISHAY-PTCCL09H541DBE Datasheet
130Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
01-Jan-2022
More results

Similar Description - PTCCL09H541DBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H131EBE VISHAY-PTCCL05H131EBE Datasheet
181Kb / 6P
   30 V to 60 V PTC Thermistors For Overload Protection
Revision: 29-Jul-09
PTCCL-30V VISHAY-PTCCL-30V_V01 Datasheet
130Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-30V VISHAY-PTCCL-30V Datasheet
133Kb / 6P
   30 V to 60 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
2381660X491 VISHAY-2381660X491 Datasheet
515Kb / 6P
   30 to 60 V PTC Thermistors For Overload Protection
Revision: 12-Dec-05
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265-V VISHAY-PTCCL-265-V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com