Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCS0603E3124SMT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCS0603E3124SMT
Description  SMD NTC Thermistors with Enhanced Stability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS0603E3124SMT Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCS0603E3124SMT Datasheet HTML 1Page - Vishay Siliconix NTCS0603E3124SMT Datasheet HTML 2Page - Vishay Siliconix NTCS0603E3124SMT Datasheet HTML 3Page - Vishay Siliconix NTCS0603E3124SMT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NTCS....E3...SMT
www.vishay.com
Vishay BCcomponents
Revision: 28-Aug-13
2
Document Number: 29151
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RELIABILITY INFORMATION
After a test of storage at any temperature within the temperature range, the drift of electrical resistance at 25 °C is always lower
than ± 0.5 % (see here under typical figures for drift after storage during 10 000 h at maximal temperature 125 °C). The same
type of stability is also observed in thermal shocks between the two extreme values of the temperature range. The tests are
performed according to IEC 60068-2-2 and 2-14.
Fig. 1 - R25 °C Drift after Storage at 125 °C for 0603 Case
Fig. 2 - Drift in Storage at 125 °C for 0402 Case
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
2000
4000
6000
8000
10000
dR25/R25(%)
me (h)
MAX measured dri
AVERAGE measured dri
MINIMUM measured dri
NEGATIVE TRESHOLD
POSITIVE TRESHOLD
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
2000
4000
6000
8000
10000
dR25/R25(%)
me (h)
MAX measured dri
AVERAGE measured dri
MINIMUM measured dri
NEGATIVE TRESHOLD
POSITIVE TRESHOLD


Similar Part No. - NTCS0603E3124SMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0603E3124SMT VISHAY-NTCS0603E3124SMT Datasheet
105Kb / 4P
   SMD NTC Thermistors with Enhanced Stability
Revision: 28-Aug-13
NTCS0603E3124SMT VISHAY-NTCS0603E3124SMT Datasheet
83Kb / 3P
   SMD NTC Thermistors With Enhanced Stability
01-Jan-2022
NTCS0603E3124SMT VISHAY-NTCS0603E3124SMT Datasheet
82Kb / 3P
   SMD NTC Thermistors With Enhanced Stabilitys
01-Jan-2022
More results

Similar Description - NTCS0603E3124SMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0402E3214SMT VISHAY-NTCS0402E3214SMT Datasheet
105Kb / 4P
   SMD NTC Thermistors with Enhanced Stability
Revision: 28-Aug-13
NTCSE3SMT VISHAY-NTCSE3SMT Datasheet
83Kb / 3P
   SMD NTC Thermistors With Enhanced Stability
01-Jan-2022
NTCS....E3...SMT VISHAY-NTCS....E3...SMT Datasheet
82Kb / 3P
   SMD NTC Thermistors With Enhanced Stabilitys
01-Jan-2022
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com