Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP1848S-DC Datasheet(PDF) 14 Page - Vishay Siliconix

Part # MKP1848S-DC
Description  Metallized Polypropylene Film Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848S-DC Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button MKP1848S-DC Datasheet HTML 7Page - Vishay Siliconix MKP1848S-DC Datasheet HTML 8Page - Vishay Siliconix MKP1848S-DC Datasheet HTML 9Page - Vishay Siliconix MKP1848S-DC Datasheet HTML 10Page - Vishay Siliconix MKP1848S-DC Datasheet HTML 11Page - Vishay Siliconix MKP1848S-DC Datasheet HTML 12Page - Vishay Siliconix MKP1848S-DC Datasheet HTML 13Page - Vishay Siliconix MKP1848S-DC Datasheet HTML 14Page - Vishay Siliconix MKP1848S-DC Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MKP1848S DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Mar-13
14
Document Number: 26010
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Sub-clause numbers of tests and performance requirements refer to the “Sectional Specification, IEC-publication 61071”
5.15-0
Initial measurements
Capacitance at 1 kHz
tan
 at 10 kHz
5.15-1
Endurance test between terminals
Sequence:
1.3 x UNDC at 85 °C
1.3 x UOPDC at 105 °C
Duration: 500 h
1000 x discharge
at 1.4 x Ipeak (maximum respective peak
current in continuous operation)
1.3 x UNDC at 85 °C
1.3 x UOPDC at 105 °C
Duration: 500 h
5.15-2
Final measurement
Capacitance
tan
|
C/C|  3.0 %
Increase of tan
  0.0150
compared to the values measured in 5.15-0
5.16.3-0
Initial measurements
Capacitance at 1 kHz
5.16.3-1
Desctruction test sequence
High DC voltage test
Tmax. = 85 °C
Product enveloped with cheese cloth
3 x UNDC for DC voltage
until repetitive product healings occur
Duration = 15 min
Audible healings or check healings with
oscilloscope
High AC voltage test
AC RMS voltage = UNDC/2 2
with minimum of 250 VAC
Duration = 5 min
Repeat destruction sequence 3 x
5.16.3-2
Final measurements
Visual examination
No puncturing, flashover or burning of the
cheese cloth
Self healing punctures are permitted
INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


Similar Part No. - MKP1848S-DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848 VISHAY-MKP1848 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K2 VISHAY-MKP1848412084K2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K4 VISHAY-MKP1848412084K4 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084P2 VISHAY-MKP1848412084P2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
More results

Similar Description - MKP1848S-DC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com