Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMK12B-102Z5-K Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # AMK12B-102Z5-K
Description  STRAIGHT JACK w. HOUSING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

AMK12B-102Z5-K Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  AMK12B-102Z5-K Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG AMK12B-102Z5-K Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG AMK12B-102Z5-K Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
HFM®
High-Speed FAKRA Mini
STRAIGHT JACK
w. HOUSING
AMK12B-102Z5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
RN_108-01
Documents
Assembly instruction
TBD
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Gold, min. 0.15 µm, over chemical nickel
Contact part
Stainless steel
Crimp part
Spring bronze
Tin, 1,5-3 µm
Dielectric
PA12-GB30
Crimping sleeve
Spring bronze
Tin, 1,5-3 µm
Housing
PBT-GF20
Secondary lock
PBT-GF20


Similar Part No. - AMK12B-102Z5-K

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
AMK12B-102Z5-B ROSENBERGER-AMK12B-102Z5-B Datasheet
700Kb / 3P
   STRAIGHT JACK w. HOUSING
More results

Similar Description - AMK12B-102Z5-K

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
AMK12A-1M4Z5-Y ROSENBERGER-AMK12A-1M4Z5-Y Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12B-1M4Z5-Y ROSENBERGER-AMK12B-1M4Z5-Y Datasheet
774Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12A-102Z5-Y ROSENBERGER-AMK12A-102Z5-Y Datasheet
700Kb / 3P
   STRAIGHT JACK w. HOUSING
32K151-K00L5 ROSENBERGER-32K151-K00L5 Datasheet
223Kb / 2P
   ADAPTOR SMA JACK ??BNC 50 W JACK
64K102-272B1 ROSENBERGER-64K102-272B1 Datasheet
250Kb / 2P
   Straight Jack
59K13O-1E4A4 ROSENBERGER-59K13O-1E4A4 Datasheet
119Kb / 3P
   STRAIGHT JACK
45K102-271L5 ROSENBERGER-45K102-271L5 Datasheet
42Kb / 2P
   STRAIGHT JACK
60K131-815N1 ROSENBERGER-60K131-815N1 Datasheet
63Kb / 2P
   STRAIGHT JACK
51K107-803N5 ROSENBERGER-51K107-803N5 Datasheet
44Kb / 2P
   STRAIGHT JACK
AMK12D-102Z5-Y ROSENBERGER-AMK12D-102Z5-Y Datasheet
711Kb / 3P
   STRAIGHT JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com