Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4302 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4302
Description  POWER MAGNETICS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4302 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4302 Datasheet HTML 1Page - Pulse A Technitrol Company PA4302 Datasheet HTML 2Page - Pulse A Technitrol Company PA4302 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5
www.power.pulseelectronics.com
POWER MAGNETICS
(2.2 x 1.8 x 1 mm Max)
(2.7 x 2.2 x 1.2 mm Max)
(3.2 x 3.2 x 1.2 mm Max)
(3.2 x 3.2 x 1.2 mm Max)
(4.1 x 4.1 x 1.8 mm Max)
(4.2 x 4.2 x 2 mm Max)
(6.1 x 6.1 x 3 mm Max)
PA4330
PA4335
PA4331
PA4334
PG0085
PA4332
PA4300
0.1
1
10
100
1000
Inductance (uH)
0.1
1
10
100
1000
3.1A
4.1A
4.2A
1.0A
3A
0.55A
1.5A
2A
5.8A
1.3A
3.5A
3.5A
1.2A
0.8A
3.0A
0.28A
0.34A
2.0A
1.1A
0.19A
3.0A
14A
1.2A
4.5A
1.7A
2.6A
17A
7.5A
3.0A
1.0A
0.5A
0.65A
2.0A
0.54A
0.19A
0.07A
0.17A
0.4A
0.36A
0.06A
0.13A
0.18A
1.7A
0.85A
0.21A
0.6A
0.1
1
10
100
1000
Inductance (uH)
PRODUCT OVERVIEW: SMT SHIELDED DRUM CORE INDUCTORS
(6.2 x 6.2 x 2 mm Max)
(6.7 x 6.4 x 2.8 mm Max)
(6.9 x 6.5 x 3 mm Max)
(7.4 x 6.8 x 3.2 mm Max)
(7.2 x 7.2 x 3 mm Max)
(7.2 x 7.2 x 4 mm Max)
(7.5 x 7.5 x 5.6 mm Max)
PG0087
P1174
PF0601
PA4333
PF0464, PA4301
PF0465
PA4302
0.1
1
10
100
1000
Inductance (uH)
0.1
1
10
100
1000
3.5A
0.36A
1.2A
3.0A
2.0A
1.1A
0.34A
0.19A
14A
9.5A
1.7A
4.5A
2.0A
0.65A
2.6A
3.0A
7.5A
5.5A
1.6A
2.0A
3.5A
0.63A
1.25A
6.5A
3.8A
0.52A
3.6A
14A
1.2A
0.4A
13A
4.4A
14A
14.2A
6A
2.2A
0.65A
2.1A
5.2A
1.4A
0.46A
0.19A
0.5A
1.0A
0.56A
0.15A
0.19A
0.54A
0.06A
0.8A
0.28A
0.07A
1.2A
3.0A
0.1
1
10
100
1000


Similar Part No. - PA4302

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4302.102NLT PULSE-PA4302.102NLT Datasheet
556Kb / 2P
   Shielded Drum Core Inductor
PA4302.103NLT PULSE-PA4302.103NLT Datasheet
556Kb / 2P
   Shielded Drum Core Inductor
PA4302.104NLT PULSE-PA4302.104NLT Datasheet
556Kb / 2P
   Shielded Drum Core Inductor
PA4302.224NLT PULSE-PA4302.224NLT Datasheet
556Kb / 2P
   Shielded Drum Core Inductor
PA4302.332NLT PULSE-PA4302.332NLT Datasheet
556Kb / 2P
   Shielded Drum Core Inductor
More results

Similar Description - PA4302

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580 Datasheet
490Kb / 9P
   POWER MAGNETICS
logo
Bel Fuse Inc.
0571-4000-01 BEL-0571-4000-01 Datasheet
62Kb / 2P
   POWER MAGNETICS
logo
Pulse A Technitrol Comp...
ER19 PULSE-ER19 Datasheet
1Mb / 3P
   POWER MAGNETICS
logo
Coilcraft lnc.
C0972-AL COILCRAFT-C0972-AL Datasheet
111Kb / 2P
   SMT Power Magnetics
logo
Pulse A Technitrol Comp...
H2019NL PULSE-H2019NL Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
H2019NLT PULSE-H2019NLT Datasheet
1Mb / 5P
   Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
logo
Bel Fuse Inc.
0581-5999-05 BEL-0581-5999-05 Datasheet
35Kb / 2P
   POWER MAGNETICS Through Hole Inductor
logo
VITALCONN ELECTRONICS H...
TH16101S1 VITALCONN-TH16101S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16111S1 VITALCONN-TA16111S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
logo
XFMRS Inc.
XF0456B4 XFMRS-XF0456B4 Datasheet
44Kb / 1P
   MAGNETICS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com