Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHLP-4040DZ-5A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IHLP-4040DZ-5A
Description  Low Profile, High Current IHLP Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP-4040DZ-5A Datasheet(HTML) 4 Page - Vishay Siliconix

  IHLP-4040DZ-5A Datasheet HTML 1Page - Vishay Siliconix IHLP-4040DZ-5A Datasheet HTML 2Page - Vishay Siliconix IHLP-4040DZ-5A Datasheet HTML 3Page - Vishay Siliconix IHLP-4040DZ-5A Datasheet HTML 4Page - Vishay Siliconix IHLP-4040DZ-5A Datasheet HTML 5Page - Vishay Siliconix IHLP-4040DZ-5A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IHLP-4040DZ-5A
www.vishay.com
Vishay Dale
Revision: 03-Jan-2017
4
Document Number: 34315
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS: INDUCTANCE AND Q VS. FREQUENCY
0.47 μH
0.00
0.24
0.48
0.72
1.20
0
1
10
100
0
24
72
96
120
FREQUENCY (MHz)
0.96
48
Q
L
1.0 μH
0
1
2
3
5
0
1
10
100
0
20
60
80
100
FREQUENCY (MHz)
4
40
Q
L
0
20
40
60
80
100
0
2
4
6
8
10
0.1
1
10
100
FREQUENCY (MHz)
1.5 µH
L
Q
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0.1
1
10
100
FREQUENCY (MHz)
L
Q
2.2 µH
3.3 μH
0
4
8
12
20
0
1
10
100
0
20
60
80
100
FREQUENCY (MHz)
16
40
Q
L
4.7 μH
0
6
12
18
30
0
1
10
100
0
20
60
80
100
FREQUENCY (MHz)
24
40
Q
L
5.6 μH
0
10
20
30
50
0
1
10
100
0
20
60
80
100
FREQUENCY (MHz)
40
40
Q
L
6.8 μH
0
10
20
30
50
0
1
10
100
0
20
60
80
100
FREQUENCY (MHz)
40
40
Q
L


Similar Part No. - IHLP-4040DZ-5A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-4040DZ-5A VISHAY-IHLP-4040DZ-5A Datasheet
358Kb / 6P
   IHLP® Automotive Inductors, High Temperature (155 °C) Series
Revision: 29-Sep-17
IHLP-4040DZ-5A VISHAY-IHLP-4040DZ-5A Datasheet
335Kb / 6P
   IHLP® Automotive Inductors, High Temperature (155 °C) Series
01-Jan-2022
IHLP-4040DZ-5A VISHAY-IHLP-4040DZ-5A_17 Datasheet
358Kb / 6P
   IHLP® Automotive Inductors, High Temperature (155 °C) Series
Revision: 29-Sep-17
IHLP-4040DZ-5A VISHAY-IHLP-4040DZ-5A_V01 Datasheet
335Kb / 6P
   IHLP® Automotive Inductors, High Temperature (155 °C) Series
01-Jan-2022
More results

Similar Description - IHLP-4040DZ-5A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP-2525EZ-01 VISHAY-IHLP-2525EZ-01_09 Datasheet
157Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-May-09
IHLP1616BZEB1R0M11 VISHAY-IHLP1616BZEB1R0M11 Datasheet
246Kb / 3P
   Low Profile, High Current IHLP Inductors
Revision: 26-Feb-13
IHLP2525CZERR22M01 VISHAY-IHLP2525CZERR22M01 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 24-Feb-11
IHLP5050EZER4R7M01 VISHAY-IHLP5050EZER4R7M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP2020BZER4R7M11 VISHAY-IHLP2020BZER4R7M11 Datasheet
290Kb / 6P
   Low Profile, High Current IHLP Inductors
Revision: 20-Sep-13
IHLP5050EZER7R8M01 VISHAY-IHLP5050EZER7R8M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP-5050FD-01 VISHAY-IHLP-5050FD-01_12 Datasheet
135Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP-5050FD-8A VISHAY-IHLP-5050FD-8A Datasheet
453Kb / 9P
   Low Profile, High Current IHLP Inductors
Revision: 03-May-16
IHLP-1212AB-11 VISHAY-IHLP-1212AB-11 Datasheet
288Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 12-Sep-16
IHLP-4040DZ-A1 VISHAY-IHLP-4040DZ-A1 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-Sep-15
IHLP-4040DZ-11 VISHAY-IHLP-4040DZ-11_15 Datasheet
130Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 26-Aug-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com