Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMK12A-102Z5-E Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # AMK12A-102Z5-E
Description  STRAIGHT JACK w. HOUSING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

AMK12A-102Z5-E Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  AMK12A-102Z5-E Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG AMK12A-102Z5-E Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG AMK12A-102Z5-E Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
HFM®
High-Speed FAKRA Mini
STRAIGHT JACK
w. HOUSING
AMK12A-102Z5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
RN_108-01
Documents
Assembly instruction
MA_AMV003
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Gold, min. 0.15 µm, over chemical nickel
Outer contact (contact part)
Spring bronze
Tin, 1,5-3 µm
Outer contact (Crimp part)
Spring bronze
Tin, 1,5-3 µm
Dielectric
PA12-GB30
Crimping sleeve
Spring bronze
Tin, 1,5-3 µm
Housing
PBT-GF20
Secondary lock
PBT-GF20


Similar Part No. - AMK12A-102Z5-E

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
AMK12A-1M4Z5-A ROSENBERGER-AMK12A-1M4Z5-A Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12A-1M4Z5-C ROSENBERGER-AMK12A-1M4Z5-C Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12A-1M4Z5-D ROSENBERGER-AMK12A-1M4Z5-D Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12A-1M4Z5-E ROSENBERGER-AMK12A-1M4Z5-E Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12A-1M4Z5-F ROSENBERGER-AMK12A-1M4Z5-F Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
More results

Similar Description - AMK12A-102Z5-E

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
AMK12B-102Z5-Y ROSENBERGER-AMK12B-102Z5-Y Datasheet
772Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12A-1M4Z5-Y ROSENBERGER-AMK12A-1M4Z5-Y Datasheet
698Kb / 3P
   STRAIGHT JACK w. HOUSING
AMK12B-1M4Z5-Y ROSENBERGER-AMK12B-1M4Z5-Y Datasheet
774Kb / 3P
   STRAIGHT JACK w. HOUSING
32K151-K00L5 ROSENBERGER-32K151-K00L5 Datasheet
223Kb / 2P
   ADAPTOR SMA JACK ??BNC 50 W JACK
64K102-272B1 ROSENBERGER-64K102-272B1 Datasheet
250Kb / 2P
   Straight Jack
59K13O-1E4A4 ROSENBERGER-59K13O-1E4A4 Datasheet
119Kb / 3P
   STRAIGHT JACK
45K102-271L5 ROSENBERGER-45K102-271L5 Datasheet
42Kb / 2P
   STRAIGHT JACK
60K131-815N1 ROSENBERGER-60K131-815N1 Datasheet
63Kb / 2P
   STRAIGHT JACK
51K107-803N5 ROSENBERGER-51K107-803N5 Datasheet
44Kb / 2P
   STRAIGHT JACK
AMK12D-102Z5-Y ROSENBERGER-AMK12D-102Z5-Y Datasheet
711Kb / 3P
   STRAIGHT JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com