Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F411JH101H1K0C Datasheet(PDF) 4 Page - Kemet Corporation

Part # F411JH101H1K0C
Description  PFR Series Polypropylene Film/Foil, Radial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F411JH101H1K0C Datasheet(HTML) 4 Page - Kemet Corporation

  F411JH101H1K0C Datasheet HTML 1Page - Kemet Corporation F411JH101H1K0C Datasheet HTML 2Page - Kemet Corporation F411JH101H1K0C Datasheet HTML 3Page - Kemet Corporation F411JH101H1K0C Datasheet HTML 4Page - Kemet Corporation F411JH101H1K0C Datasheet HTML 5Page - Kemet Corporation F411JH101H1K0C Datasheet HTML 6Page - Kemet Corporation F411JH101H1K0C Datasheet HTML 7Page - Kemet Corporation F411JH101H1K0C Datasheet HTML 8Page - Kemet Corporation F411JH101H1K0C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3036_PFR • 9/19/2016
4
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PFR Series Polypropylene Film/Foil, Radial
Environmental Test Data
Test
IEC Publication
Procedure
Requirements
Voltage Proof
60384–1 Clause 4.6
1.6 x V
R after 60 seconds
The capacitors must withstand the voltage without
breakdownsorflashoversandwithoutdecreased
insulation resistance below the value in each
detailspecification.Novisibledamage
Clause 4.6 2.3
2 x V
R (minimum 400 VDC to case) after
60 seconds
As above
Vibration
60068–2–6 Test Fc
6 hours with 10 – 500 Hz and 0.75 mm
amplitude or 98 m/s2 depending on
frequency
No visible damage
tanδ≤1.2xstatedvalueat100kHz
ΔC/C≤±0.5%
Bump
60068–2–29 Test Eb
4,000 bumps with 390 m/s2 mounted on
PCB
ΔC/C≤±0.5%
tanδ≤1.2xstatedvalueat100kHz
Insulation resistance:
≥100,000MΩforC
R≤0.33µF
≥30,000MΩ•µFforC
R > 0.33 µF
Resistance to
Soldering Heat
60068–2–20 Method
1A
Solderbathat+260°C±5°Cwith
screening
Immersion of the terminations into the solder
bath shall be completed in a time not exceeding
1 second and the terminations shall remain
immersedtothespecifieddepthfor10+1second
and then be withdrawn.
ΔC/C≤±0.5%
tanδincrease<0.001
No visible damage
Climatic Sequence
60384–1
Paragraph 4:21
60068–2.2 dry heat 16 hours
60068–2–34 damp heat, one cycle
60068–2–1 Test Aa 2 hours
Insulation resistance:
≥100,000MΩforC
R≤0.33µF
≥30,000MΩ•µFforC
R > 0.33 µF
ΔC/C≤±0.5%
tanδ≤1.2xstatedvalueat100kHz
Damp Heat
Steady State
60068–2–3 Test Ca
+40°Cand90–95%RH
56 days no visible damage
Insulation resistance:
≥50,000MΩforC
R≤0.33µF
≥15,000MΩ•µFforC
R > 0.33 µF
ΔC/C≤±1%
tanδ≤1.2xstatedvalueat100kHz
Endurance, AC
1,000hoursat+85°Cand1.25xV
R AC
No visible damage
ΔC/C≤±3%
tanδ≤1.5xstatedvalueat100kHz
Insulation resistance:
≥100,000MΩforC
R≤0.33µF
≥30,000MΩ•µFforC
R > 0.33 µF
Charge and Discharge
60384–17
Paragraph 4.13
10,000 pulses and with (2 x) dV/dt
accordingtodetailspecification
tanδ(100kHz)≤2xstatedvalue(100kHz)
ΔC/C≤±0.5%
Insulation resistance:
≥50,000MΩforC
R≤0.33µF
≥15,000MΩ•µFforC
R > 0.33 µF
Environmental Compliance
All KEMET pulse capacitors are RoHS Compliant.


Similar Part No. - F411JH101H1K0C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F411 LITTELFUSE-F411 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
F411-ND LITTELFUSE-F411-ND Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
More results

Similar Description - F411JH101H1K0C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73EI2470AA00H KEMET-R73EI2470AA00H Datasheet
1Mb / 20P
   R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
logo
List of Unclassifed Man...
2013S ETC2-2013S Datasheet
29Kb / 1P
   POLYPROPYLENE FILM & FOIL RADIAL EPOXY DIP, SERIES WOUND
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com