Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE450HR5180JB04R06 Datasheet(PDF) 5 Page - Kemet Corporation

Part # PHE450HR5180JB04R06
Description  PHE450 Series Double Metallized Polypropylene Film
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE450HR5180JB04R06 Datasheet(HTML) 5 Page - Kemet Corporation

  PHE450HR5180JB04R06 Datasheet HTML 1Page - Kemet Corporation PHE450HR5180JB04R06 Datasheet HTML 2Page - Kemet Corporation PHE450HR5180JB04R06 Datasheet HTML 3Page - Kemet Corporation PHE450HR5180JB04R06 Datasheet HTML 4Page - Kemet Corporation PHE450HR5180JB04R06 Datasheet HTML 5Page - Kemet Corporation PHE450HR5180JB04R06 Datasheet HTML 6Page - Kemet Corporation PHE450HR5180JB04R06 Datasheet HTML 7Page - Kemet Corporation PHE450HR5180JB04R06 Datasheet HTML 8Page - Kemet Corporation PHE450HR5180JB04R06 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3033_PHE450 • 9/15/2016
5
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PHE450 Series Double Metallized Polypropylene Film
Performance Characteristics
Sections
1
1
1
2
1
2
2
2
3
3
Voltage Range (VDC)
250
400
630
630
1000
1000
1600
2000
2500
3000
Voltage Range (VAC)
180
250
300
400
375
600
650
700
900
1000
Capacitance Range (µF) 0.00033 –
0.033
0.00033 –
5.6
0.00033 –
0.039
0.01 – 3.3 0.00033 –
0.018
0.0039 –
2.2
0.0027 – 1 0.001 –
0.68
0.0010 –
0.33
0.001 –
0.033
Capacitance Values
In accordance with IEC E12 series
Capacitance Tolerance
±5%, other tolerances on request
Category Temperature
Range
-55°Cto+105°C
Rated Temperature
+85°C
Voltage Derating
Theratedvoltageisdecreasedwith1.3%/°Cbetween+85°Cand+105°C
Climatic Category
IEC 60068–1, 55/105/56/B
Passive Flammability
Category B according to IEC 60065
Maximum Pulse
Steepness
dV/dt according to Table 1. For peak to peak voltages lower than rated voltage (V
PP < VR),thespecifieddV/dtcan
be multiplied by the factor V
R/VPP.
Self-Inductance
Approximately 6 nH/cm for the total length of capacitor winding and the leads
DissipationFactortanδ
MaximumValuesat+23°C
C≤0.1µF
0.1µF<C≤1.0µF
C > 1.0 µF
1 kHz
0.0003
0.0003
0.0003
10 kHz
0.0004
0.0006
100 kHz
0.0015
Insulation Resistance
Measuredat+23°C,100VDC60secondsforV
R < 500 VDC and at 500 VDC for VR≥500VDC
Minimum Values Between Terminals
C≤0.33µF
≥100000MΩ
C > 0.33 µF
≥30000MΩ•µF
Minimum Values Between Terminals and Case
≥100000MΩ


Similar Part No. - PHE450HR5180JB04R06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE450HR7180JR06L2 ETC2-PHE450HR7180JR06L2 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
PHE450HR7220JR06L2 ETC2-PHE450HR7220JR06L2 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
PHE450HR7270JR06L2 ETC2-PHE450HR7270JR06L2 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
PHE450HR7330JR06L2 ETC2-PHE450HR7330JR06L2 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
PHE450HR7390JR06L2 ETC2-PHE450HR7390JR06L2 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
More results

Similar Description - PHE450HR5180JB04R06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE450MD6470JR30 KEMET-PHE450MD6470JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.47 uF, 5%, 630 V, 85C, Lead Spacing = 22.5mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450HK3680JR17 KEMET-PHE450HK3680JR17 Datasheet
57Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 680 pF, 5%, 250 V, 85C, Lead Spacing = 7.5mm
PHE450HA6100JR20 KEMET-PHE450HA6100JR20 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.1 uF, 5%, 250 V, 85C, Lead Spacing = 10mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
PHE450RD6150JR30 KEMET-PHE450RD6150JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.15 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Kemet Corporation
PHE450PD6220JD16R30 KEMET-PHE450PD6220JD16R30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.22 uF, 5%, 1,000 V, 85C, Lead Spacing = 22.5mm
PHE450XB4100JB04R17 KEMET-PHE450XB4100JB04R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1000 pF, 5%, 3,000 V, 85C, Lead Spacing = 15mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com