Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

98Z105-S00 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 98Z105-S00
Description  RFE ??Rosenberger fiber Enclosure
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

98Z105-S00 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  98Z105-S00 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 98Z105-S00 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
RFE – Rosenberger fiber
Enclosure
98Z105-S00
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax.
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Description
The RFE (Rosenberger Fiber Enclosure) is a watertight and UV resistant enclosure for various fiber optic
connectors.
Assemblies can be fed through the enclosure, therefore it is suitable for field installation. It works with a spring
lock, that fits on a bayonet coupling.
Documents
Assembly instruction
MA 98 A1
Material for connectors
Parts
Material
RFE Body:
PA
Gland:
PA
Gasket:
Silicone


Similar Part No. - 98Z105-S00

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
98Z105-S00 ROSENBERGER-98Z105-S00_53 Datasheet
640Kb / 1P
   PROTECTION CAP PLUG
More results

Similar Description - 98Z105-S00

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
98Z405-K00 ROSENBERGER-98Z405-K00 Datasheet
780Kb / 2P
   Rosenberger fiber Enclosure - Flange
98Z105-S90-380 ROSENBERGER-98Z105-S90-380 Datasheet
912Kb / 2P
   RFE Extension Tube
W1K10J-K00D3 ROSENBERGER-W1K10J-K00D3 Datasheet
278Kb / 2P
   Rosenberger WSMP??Interface standards
W1K10G-K00D3 ROSENBERGER-W1K10G-K00D3 Datasheet
236Kb / 2P
   Rosenberger WSMP??Interface standards
W1K10H-K00D3 ROSENBERGER-W1K10H-K00D3 Datasheet
233Kb / 2P
   Rosenberger WSMP??Interface standards
W1K10C-K00D3 ROSENBERGER-W1K10C-K00D3 Datasheet
258Kb / 2P
   Rosenberger WSMP??Interface standards
W1K10E-K00D3 ROSENBERGER-W1K10E-K00D3 Datasheet
268Kb / 2P
   Rosenberger WSMP??Interface standards
W1K10F-K00D3 ROSENBERGER-W1K10F-K00D3 Datasheet
259Kb / 2P
   Rosenberger WSMP??Interface standards
logo
PANDUIT CORP.
FRME1U PANDUIT-FRME1U Datasheet
268Kb / 2P
   FIBER RACK MOUNTED ENCLOSURE (FRME1U) CUSTOMER DRAWING
11-12-07
logo
Tripp Lite. All Rights ...
N482-04U TRIPPLITE-N482-04U Datasheet
166Kb / 2P
   Enclosure for 28 High-Density Fiber Cassettes, 4U
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com