Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R82CC3470AA70J Datasheet(PDF) 3 Page - Kemet Corporation

Part # R82CC3470AA70J
Description  R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82CC3470AA70J Datasheet(HTML) 3 Page - Kemet Corporation

  R82CC3470AA70J Datasheet HTML 1Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 2Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 3Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 4Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 5Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 6Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 7Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 8Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3101_R82 • 9/27/2016
3
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R82 Series, Radial, 5 mm Lead Spacing, 50 – 400 VDC (Automotive Grade)
Performance Characteristics
Dielectric
Polyesterfilm(polyethyleneterephthalate).
Plates
Metal layer deposited by evaporation under vacum.
Winding
Non-inductive type.
Leads
Tinned wire.
Protection
Plasticcase,thermosettingresinfilled.Boxmaterialissolventresistantandflameretardantaccordingto
UL94.
Related Documents
IEC 60384-2
Rated Voltage V
R (VDC)
50
63
100
250
250
400
400
Rated Voltage V
R (VAC)
30
40
63
140
160
160
200
Capacitance Range (µF)
2.2 – 4.7
0.1 – 1.5
0.001 – 1
0.022 –
0.22
0.0068 –
0.15
0.0068 –
0.068
0.001 –
0.047
Capacitance Values
E6series(IEC60063)measured@1kHzand+20±1°C
Capacitance Tolerance
±5%, ±10%, ±20%
Operating Temperature
Range
-55°Cto105°C
Rated Temperature T
R
+85°C
Voltage Derating
Above+85°CDCandACvoltagederatingis1.25%/°C
Climatic Category
55/105/56 IEC 60068-1
Storage Conditions
Storagetime:≤24monthsfromthedatemarkedonthelabelpackage
Averagerelativehumidityperyear≤70%
RH≤85%for30daysrandomlydistributedthroughouttheyear
Dew is absent
Temperature:-40to80°C(see"MaximumHumidityinStorageConditions"graphbelow)
Test Voltage
1.4 x V
RVDCfor2seconds(betweenterminations)@+25°C±5°C
Capacitance Drift
Maximum3%aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelativehumidityof40%
to 60%
Reliability
(Reference MIL-HDBK-217)
Operational life >200,000 hours
Failurerate≤1FIT,T=+40°C,V=0.5xV
R
Failure criteria: open or short circuit, cap. change > 10%, DF 2 times the catalog limits, IR < 0.005 x initial limit
Maximum Pulse Steepness
dV/dt according to Table 1. For peak to peak voltages lower than rated voltage (Vpp <V
R),thespecifieddv/dt
can be multiplied by the factor V
R/Vpp
TemperatureCoefficient
+400(±200)ppm/°Cat1kHz
Self Inductance
(Lead Length ~ 2 mm)
Approximately 7 nH. Maximum 1nH per 1 mm lead and capacitor length.


Similar Part No. - R82CC3470AA70J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82CC4220AA70J KEMET-R82CC4220AA70J Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR D.C. MUL TIPURPOSE APPLICATIONS
R82CC4220DQ70K KEMET-R82CC4220DQ70K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 2.2 uF, 10%, 50 V, 85C, Lead Spacing = 5mm
R82CC4220Z370J KEMET-R82CC4220Z370J Datasheet
55Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 2.2 uF, 5%, 50 V, 85C, Lead Spacing = 5mm
R82CC4330Z330J KEMET-R82CC4330Z330J Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R82, 3.3 uF, 5%, 50 V, 85C, Lead Spacing = 5mm
R82CC4470AA30K KEMET-R82CC4470AA30K Datasheet
55Kb / 1P
   R82, Film, Metallized Polyester, Commercial Grade, 4.7 uF, 10%, 50 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82CC3470AA70J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
RSBDC3100AA00J KEMET-RSBDC3100AA00J Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82IC3100Z360J KEMET-R82IC3100Z360J Datasheet
59Kb / 1P
   R82, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 5%, 250 VDC, 85째C, Lead Spacing = 5mm
R75MN31505030J KEMET-R75MN31505030J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 0.15 uF, 5%, 400 VDC, 85째C, Lead Spacing = 22.5mm
R75MI33305040J KEMET-R75MI33305040J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 0.33 uF, 5%, 400 VDC, 85째C, Lead Spacing = 15mm
R75MR418050L3J KEMET-R75MR418050L3J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 1.8 uF, 5%, 400 VDC, 85째C, Lead Spacing = 27.5mm
R75MR433050H3J KEMET-R75MR433050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 3.3 uF, 5%, 400 VDC, 105째C, Lead Spacing = 27.5mm
R75MI333050H7J KEMET-R75MI333050H7J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.33 uF, 5%, 400 VDC, 105째C, Lead Spacing = 15mm
R75MN410050H3J KEMET-R75MN410050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 1 uF, 5%, 400 VDC, 105째C, Lead Spacing = 22.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com