Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R82CC3470AA70J Datasheet(PDF) 10 Page - Kemet Corporation

Part # R82CC3470AA70J
Description  R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82CC3470AA70J Datasheet(HTML) 10 Page - Kemet Corporation

Back Button R82CC3470AA70J Datasheet HTML 6Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 7Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 8Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 9Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 10Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 11Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 12Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 13Page - Kemet Corporation R82CC3470AA70J Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3101_R82 • 9/27/2016 10
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R82 Series, Radial, 5 mm Lead Spacing, 50 – 400 VDC (Automotive Grade)
Soldering Process cont'd
Wave Soldering Recommendations cont'd
1. The table indicates the maximum set-up temperature of the soldering process
Figure 1
Dielectric
Film Material
Maximum Preheat
Temperature
Maximum
Peak Soldering
Temperature
Capacitor
Pitch
≤10mm
Capacitor
Pitch
= 15 mm
Capacitor
Pitch
> 15 mm
Capacitor
Pitch
≤15mm
Capacitor
Pitch
> 15 mm
Polyester
130°C
130°C
130°C
270°C
270°C
Polypropylene
100°C
110°C
130°C
260°C
270°C
Paper
130°C
130°C
140°C
270°C
270°C
Polyphenylene
Sulphide
150°C
150°C
160°C
270°C
270°C
2. The maximum temperature measured inside the capacitor:
Set the temperature so that inside the element the maximum temperature is below the limit:
Dielectric Film Material
Maximum temperature
measured inside the element
Polyester
160°C
Polypropylene
110°C
Paper
160°C
Polyphenylene
sulphide
160°C
Temperature monitored inside the capacitor.
Selective Soldering Recommendations
Selectivedipsolderingisavariationofreflowsoldering.Inthismethod,theprintedcircuitboardwiththrough-hole
componentstobesolderedispreheatedandtransportedoverthesolderbathasinnormalflowsolderingwithouttouching
the solder. When the board is over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten
solder only at the places of the selected components, and pressed against the lower surface of the board to solder the
components.
Thetemperatureprofileforselectivesolderingissimilartothedoublewaveflowsolderingoutlinedinthisdocument,
however, instead of two baths, there is only one bath with a time from 3 to 10 seconds. In selective soldering, the risk of
overheatingisgreaterthanindoublewaveflowsoldering,andgreatcaremustbetakensothatthepartsarenotoverheated.


Similar Part No. - R82CC3470AA70J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82CC4220AA70J KEMET-R82CC4220AA70J Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR D.C. MUL TIPURPOSE APPLICATIONS
R82CC4220DQ70K KEMET-R82CC4220DQ70K Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 2.2 uF, 10%, 50 V, 85C, Lead Spacing = 5mm
R82CC4220Z370J KEMET-R82CC4220Z370J Datasheet
55Kb / 1P
   R82, Film, Metallized Polyester Stacked, Commercial Grade, 2.2 uF, 5%, 50 V, 85C, Lead Spacing = 5mm
R82CC4330Z330J KEMET-R82CC4330Z330J Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R82, 3.3 uF, 5%, 50 V, 85C, Lead Spacing = 5mm
R82CC4470AA30K KEMET-R82CC4470AA30K Datasheet
55Kb / 1P
   R82, Film, Metallized Polyester, Commercial Grade, 4.7 uF, 10%, 50 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82CC3470AA70J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
RSBDC3100AA00J KEMET-RSBDC3100AA00J Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
R66ED3100AA7AJ KEMET-R66ED3100AA7AJ Datasheet
554Kb / 14P
   R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
R82IC3100Z360J KEMET-R82IC3100Z360J Datasheet
59Kb / 1P
   R82, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 5%, 250 VDC, 85째C, Lead Spacing = 5mm
R75MN31505030J KEMET-R75MN31505030J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 0.15 uF, 5%, 400 VDC, 85째C, Lead Spacing = 22.5mm
R75MI33305040J KEMET-R75MI33305040J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 0.33 uF, 5%, 400 VDC, 85째C, Lead Spacing = 15mm
R75MR418050L3J KEMET-R75MR418050L3J Datasheet
51Kb / 1P
   R75, Film, Metallized Polypropylene, Automotive Grade, 1.8 uF, 5%, 400 VDC, 85째C, Lead Spacing = 27.5mm
R75MR433050H3J KEMET-R75MR433050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 3.3 uF, 5%, 400 VDC, 105째C, Lead Spacing = 27.5mm
R75MI333050H7J KEMET-R75MI333050H7J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.33 uF, 5%, 400 VDC, 105째C, Lead Spacing = 15mm
R75MN410050H3J KEMET-R75MN410050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 1 uF, 5%, 400 VDC, 105째C, Lead Spacing = 22.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com