Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFR5101J1000J11L4BULK Datasheet(PDF) 6 Page - Kemet Corporation

Part # PFR5101J1000J11L4BULK
Description  PFR Series Polypropylene Film/Foil, Radial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PFR5101J1000J11L4BULK Datasheet(HTML) 6 Page - Kemet Corporation

Back Button PFR5101J1000J11L4BULK Datasheet HTML 2Page - Kemet Corporation PFR5101J1000J11L4BULK Datasheet HTML 3Page - Kemet Corporation PFR5101J1000J11L4BULK Datasheet HTML 4Page - Kemet Corporation PFR5101J1000J11L4BULK Datasheet HTML 5Page - Kemet Corporation PFR5101J1000J11L4BULK Datasheet HTML 6Page - Kemet Corporation PFR5101J1000J11L4BULK Datasheet HTML 7Page - Kemet Corporation PFR5101J1000J11L4BULK Datasheet HTML 8Page - Kemet Corporation PFR5101J1000J11L4BULK Datasheet HTML 9Page - Kemet Corporation PFR5101J1000J11L4BULK Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3036_PFR • 9/19/2016
6
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PFR Series Polypropylene Film/Foil, Radial
VDC VAC Cap Value
(µF)
Maximum Dimensions
in mm
Lead
Spacing
(p)
dV/
dt (V/
µs)
Size Code
(New/
Legacy)
New KEMET
Part Number
Legacy Part
Number
B
H
L
630
250
0.00068
4.5
6.0
7.2
5
1000
JH/J11
F411JH681(1)630(2)
PFR5681(1)630J11L4(2)
630
250
0.0010
4.5
6.0
7.2
5
1000
JH/J11
F411JH102(1)630(2)
PFR5102(1)630J11L4(2)
630
250
0.0015
4.5
6.0
7.2
5
1000
JH/J11
F411JH152(1)630(2)
PFR5152(1)630J11L4(2)
630
250
0.0022
5.5
7.0
7.2
5
1000
JK/J12
F411JK222(1)630(2)
PFR5222(1)630J12L4(2)
630
250
0.0033
6.5
8.0
7.2
5
1000
JR/J13
F411JR332(1)630(2)
PFR5332(1)630J13L4(2)
630
250
0.0047
6.5
8.0
7.2
5
1000
JR/J13
F411JR472(1)630(2)
PFR5472(1)630J13L4(2)
1000
250
0.00010
4.5
6.0
7.2
5
1000
JH/J11
F411JH101(1)1K0(2)
PFR5101(1)1000J11L4(2)
1000
250
0.00015
4.5
6.0
7.2
5
1000
JH/J11
F411JH151(1)1K0(2)
PFR5151(1)1000J11L4(2)
1000
250
0.00022
4.5
6.0
7.2
5
1000
JH/J11
F411JH221(1)1K0(2)
PFR5221(1)1000J11L4(2)
1000
250
0.00033
5.5
7.0
7.2
5
1000
JK/J12
F411JK331(1)1K0(2)
PFR5331(1)1000J12L4(2)
1000
250
0.00047
5.5
7.0
7.2
5
1000
JK/J12
F411JK471(1)1K0(2)
PFR5471(1)1000J12L4(2)
1000
250
0.00068
5.5
7.0
7.2
5
1000
JK/J12
F411JK681(1)1K0(2)
PFR5681(1)1000J12L4(2)
1000
250
0.0010
6.5
8.0
7.2
5
1000
JR/J13
F411JR102(1)1K0(2)
PFR5102(1)1000J13L4(2)
VDC
VAC
Cap Value
(µF)
B (mm)
H (mm)
L (mm)
Lead
Spacing (p)
dV/dt
(V/µs)
Size Code
(New/Legacy)
New KEMET
Part Number
Legacy Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) F = ±1%, G = ±2%, H = ±2.5%, J = ±5%, K = ±10%.
(2) Insert lead and packaging code. See Ordering Options Table for available options.


Similar Part No. - PFR5101J1000J11L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PFR5151J1000J11L4BULK KEMET-PFR5151J1000J11L4BULK Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PFR/F411, 150 pF, 5%, 1,000 V, 85C, Lead Spacing = 5mm
More results

Similar Description - PFR5101J1000J11L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73EI2470AA00H KEMET-R73EI2470AA00H Datasheet
1Mb / 20P
   R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
logo
List of Unclassifed Man...
2013S ETC2-2013S Datasheet
29Kb / 1P
   POLYPROPYLENE FILM & FOIL RADIAL EPOXY DIP, SERIES WOUND
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com