Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

WSC20U45 Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part No. WSC20U45
Description  Ultra Low VF Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Homepage  http://www.winsemi.com
Logo 

WSC20U45 Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/4
WSC20U45Product Description
20
20
20
20A/
A/
A/
A/45
45
45
45V
V
V
V Ultra
Ultra
Ultra
Ultra Low
Low
Low
Low VF
VF
VF
VF Schottky
Schottky
Schottky
Schottky Rectifier
Rectifier
Rectifier
Rectifier
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
TO-277B Package Dimension
D
b 2
E
b 1
e
b 1
A
A 2
E 1
A 2
D 2
L
W
Symbol
M I N
M A X
A
1 . 0
1 . 2
A 2
0 . 2
0 . 4
b 1
0 . 8
1 . 1
b 2
2 . 9
3 . 3
D
3 . 9
4 . 3
D 2
2 . 9
3 . 3
E
6 . 3 5
6 . 6 5
E 1
5 . 2
5 . 8
e
1.86(TYP.)
L
0 . 8 5
1 . 1
U n i t : m m


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn