Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1808C151KGRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1808C151KGRACTU
Description  Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 150 pF, /-10% Tol, 2000 V, X7R, 1808 (4520 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1808C151KGRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1808C151KGRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - 076cb58c-b2ed-4670-8149-08a21ce5d2c6
KEMET Part Number: C1808C151KGRACTU
(C1808C151KGRAC7800)
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 150 pF, +/-10% Tol, 2000 V, X7R, 1808 (4520 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
4.7
+/-0.5
W
2
+/-0.2
T
1.6
+/-0.15
B
0.6
+/-0.35
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 1000
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 1808 (4520 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, High Voltage,
Temperature Stable
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 150 pF
Voltage: 2000 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 2400 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1808C151KGRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1808C151KHRACTU KEMET-C1808C151KHRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 150 pF, 10%, 3,000 V, 1808, X7R, SMD, MLCC, High Voltage, Temperature Stable
More results

Similar Description - C1808C151KGRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1808C152KGRACTU KEMET-C1808C152KGRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1500 pF, /-10% Tol, 2000 V, X7R, 1808 (4520 metric)
C1808C222KGRACTU KEMET-C1808C222KGRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 2200 pF, /-10% Tol, 2000 V, X7R, 1808 (4520 metric)
C1808C101KGRACTU KEMET-C1808C101KGRACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 100 pF, /-10% Tol, 2000 V, X7R, 1808 (4520 metric)
C1808C472KGRACTU KEMET-C1808C472KGRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 4700 pF, /-10% Tol, 2000 V, X7R, 1808 (4520 metric)
C1808C471KHRACTU KEMET-C1808C471KHRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 470 pF, /-10% Tol, 3000 V, X7R, 1808 (4520 metric)
C1808C122KZRACTU KEMET-C1808C122KZRACTU Datasheet
66Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1200 pF, /-10% Tol, 2500 V, X7R, 1808 (4520 metric)
C1808C221KHRACTU KEMET-C1808C221KHRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 220 pF, /-10% Tol, 3000 V, X7R, 1808 (4520 metric)
C1808C681KHRACTU KEMET-C1808C681KHRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 680 pF, /-10% Tol, 3000 V, X7R, 1808 (4520 metric)
C1808C102KHRACTU KEMET-C1808C102KHRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-10% Tol, 3000 V, X7R, 1808 (4520 metric)
C1808C102KDRACTU KEMET-C1808C102KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 1000 pF, /-10% Tol, 1000 V, X7R, 1808 (4520 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com