Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

461011220101 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 461011220101
Description  WS-DESV 4.7x3.8mm Detect Switch, vertical right side, SMD version
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

461011220101 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  461011220101 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 461011220101 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATE
FILE
REV
BY
Date
Name
A4
DESCRIPTION
SIZE
Packaging
Checked
Drawn
13-07-01
Fandrey
13-xx-xx
xxxxxxxxx
Description
WS-DESV
System: Solid Edge ST4
Drawing.- No. 461011220101
165° -180v
C
detail C
B
B
Packaging is referred to the international standard
IEC 60286 -3:2007
Feeding direction
START
END
Top Tape
Chip Cavity
Sprocket Hole
Embossment
A
A
Cover tape
D0
P2
P0
P1
A 0
T1
T2
T
K0
top cover
tape
NO COMPONENT
min 160mm
COMPONENTS
NO COMPONENT
min. 100mm
COVER TAPE
min. 400mm
A0
B0
W
P1
T
T1
T2
K0
D0
E1
E2
F
P0
P2
VPE /
packaging
unit
typ.
typ.
±0,3
±0,1
max.
min.
ref.
typ.
+0,1
±0,1
min.
±0,05
±0,1
±0,05
size
6410xxxx
5,00
5,60 16,00 12,00 0,35
0,10
5,25
4,80
1,50
1,75 14,25 7,50
4,00
2,00
1500
Polystyrene
tolerance
Tape
A
B
C
D
N
W1
W2
W3
W3
± 2,0
min.
± 0,8
min.
min.
+ 2
max.
min.
max.
Tape width 16 mm
330,00
1,50
13,00
20,20
100,00
16,40
22,40
15,90
19,40
tolerance
Pull-of force
Tape width
16 mm
0,1 N - 1,3 N
C
B
D
W3
W2
W**
close to center


Similar Part No. - 461011220101

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
461011442105 WURTH-461011442105 Datasheet
651Kb / 7P
   WS-DESU SMT Detector Switch
001.002
More results

Similar Description - 461011220101

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
434331013822 WURTH-434331013822 Datasheet
107Kb / 1P
   WS-TASU Side push Tact Switch, SMD version
452403012014 WURTH-452403012014 Datasheet
69Kb / 1P
   WS-SLSV Slide Switch, SMD version, same side connection
434331045822 WURTH-434331045822 Datasheet
97Kb / 1P
   WS-TASU 4,7x3,5 mm side push tact switch SMD version
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
430181038816 WURTH-430181038816 Datasheet
109Kb / 1P
   WS-TASV 4,5x4,5mm Tact Switch, SMD version
434111025826 WURTH-434111025826 Datasheet
94Kb / 1P
   WS-TASV,6,0x3,8mm Tact Switch, SMD version
434121025816 WURTH-434121025816 Datasheet
94Kb / 1P
   WS-TASV,6,0x3,8mm Tact Switch, SMD version
434353045816 WURTH-434353045816 Datasheet
95Kb / 1P
   WS-TASU 4,7x3,5 mm side push tact switch, J-Bend SMD version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
434153017835 WURTH-434153017835 Datasheet
108Kb / 1P
   WS-TASV Tact Switch J-Bend SMD version
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com