Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-7146 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-BGA-7146
Description  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-7146 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-BGA-7146 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-7146 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-7146 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-7146 Datasheet HTML 4Page - Ironwood Electronics. SG-BGA-7146 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D
E
e
b
0.15 X Y Z
X
Y
A
A1
0.08 Z
Z
Ironwood Package Code BGA625D
DIM
Minimum Maximum
A
1.7
3.5
A1
0.23
0.33
b
0.46
D
17.0 BSC
E
17.0 BSC
e
0.65 BSC
ARRAY
25 X 25
PIN COUNT
625
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. C
DATE: 10/25/2012
Material: N/A
Finish: N/A
Weight: 13.47
SG-BGA-7146 Drawing
SCALE: 5:1
SHEET: 3 OF 5
ENG: V. Panavala
FILE: SG-BGA-7146 Dwg
DRAWN BY: V. Panavala


Similar Part No. - SG-BGA-7146

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-7140 IRONWOOD-SG-BGA-7140 Datasheet
79Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7141 IRONWOOD-SG-BGA-7141 Datasheet
110Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7142 IRONWOOD-SG-BGA-7142 Datasheet
62Kb / 3P
   Compression plate distributes forces evenly
SG-BGA-7144 IRONWOOD-SG-BGA-7144 Datasheet
144Kb / 5P
   Compression plate distributes forces evenly
SG-BGA-7145 IRONWOOD-SG-BGA-7145 Datasheet
134Kb / 5P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-7146

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com