Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS7G20US60 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FMS7G20US60
Description  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS7G20US60 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMS7G20US60 Datasheet HTML 1Page - Fairchild Semiconductor FMS7G20US60 Datasheet HTML 2Page - Fairchild Semiconductor FMS7G20US60 Datasheet HTML 3Page - Fairchild Semiconductor FMS7G20US60 Datasheet HTML 4Page - Fairchild Semiconductor FMS7G20US60 Datasheet HTML 5Page - Fairchild Semiconductor FMS7G20US60 Datasheet HTML 6Page - Fairchild Semiconductor FMS7G20US60 Datasheet HTML 7Page - Fairchild Semiconductor FMS7G20US60 Datasheet HTML 8Page - Fairchild Semiconductor FMS7G20US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2003 Fairchild Semiconductor Corporation
FMS7G20US60 Rev. A
1 0
1 5
2 0
2 5
3 0
3 5
4 0
1 0
1 0 0
1 0 0 0
Common Emitter
V
GE =
±
15V, R
G = 10
T
C =
25℃ ━━
T
C = 125
------
T o f f
T f
C o l l e c t o r C u r r e n t , I
C
[ A ]
1 0
1 5
2 0
2 5
3 0
3 5
4 0
1 0 0
1 0 0 0
Common Emitter
V
GE =
±
15V, R
G = 10
T
C =
25℃ ━━
T
C = 125
------
T o n
T r
C o l l e c t o r C u r r e n t , I
C
[ A ]
1 0
2 0
3 0
4 0
5 0
6 0
7 0
8 0
9 0
1 0 0
1 0 0
1 0 0 0
Common Emitter
V
CC = 300V, VGE =
±
15V
I
C = 20A
T
C =
25℃ ━━
T
C = 125
------
E o f f
E o f f
E o n
G a t e R e s i s t a n c e , R g [
]
1 0
2 0
3 0
4 0
5 0
6 0
7 0
8 0
9 0
1 0 0
1 0 0
1 0 0 0
Common Emitter
V
CC = 300V, VGE =
±
15V
I
C = 20A
T
C =
25℃ ━━
T
C = 125
------
T o f f
T f
G a t e R e s i s t a n c e , R g [
]
1 0
2 0
3 0
4 0
5 0
6 0
7 0
8 0
9 0
1 0 0
1 0 0
1 0 0 0
Common Emitter
V
CC = 300V, VGE =
±
15V
I
C = 20A
T
C =
25℃ ━━
T
C = 125
------
T o n
T r
G a t e R e s i s t a n c e , R g [
]
0 . 1
1
1 0
0
3 0 0
6 0 0
9 0 0
1 2 0 0
1 5 0 0
1 8 0 0
2 1 0 0
2 4 0 0
2 7 0 0
3 0 0 0
C o e s
C r e s
C i e s
Common Emitter
V
GE = 0 V, f = 1 MHz
T
C = 25
oC
C o l l e c t o r - E m i t t e r V o l t a g e , V
C E
[ V ]
Fig 7. Capacitance Characteristics
Fig 8. Turn-On Characteristics vs.
Gate Resistance
Fig 9. Turn-Off Characteristics vs.
Gate Resistance
Fig 10. Switching Loss vs. Gate Resistance
Fig 11. Turn-On Characteristics vs.
Collector Current
Fig 12. Turn-Off Characteristics vs.
Collector Current


Similar Part No. - FMS7G20US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
More results

Similar Description - FMS7G20US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com