Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH5441 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFH5441
Description  Schmitt-Trigger IC im Smart DIL GehAuse
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFH5441 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFH5441 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFH5441 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFH5441 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFH5441 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFH5441 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFH5441 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2000-09-05
2
SFH 5440, SFH 5441
Zur Stabilisierung der Versorgung wird ein Stützkondensator (angeschlossen zwischen
V
CC und GND) von typ. 0.1 µF
empfohlen.
A bypass capacitor, 0.1
µF typical, connected between V
CC and GND is recommended in order to stabilize power supply
line.
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 … + 85
°C
Versorgungsspannung
Supply voltage
V
CC
– 0.5 … + 20
V
Ausgangsspannung
Output voltage
V
O
– 0.5 … + 20
V
Ausgangsstrom
Output current
I
O
50
mA
Verlustleistung
Power dissipation
P
tot
175
mW
Empfohlener Arbeitsbereich
Recommended Operating Conditions
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Versorgungsspannung
Supply voltage
V
CC
4 … 18
V
Ausgangsstrom
Output current
I
O
< 16
mA
Kennwerte (
T
A = 25 °C, VCC = 5 V)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Ausgangsspannung „high“
Output voltage “high”
I
O = 0
V
OH
V
CC (> 4.0)
V
Ausgangsspannung „low“
Output voltage “low”
I
O = 16 mA
V
OL
0.15 (< 0.4)
V


Similar Part No. - SFH5441

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5441 OSRAM-SFH5441 Datasheet
145Kb / 7P
   Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - SFH5441

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5440 OSRAM-SFH5440_07 Datasheet
145Kb / 7P
   Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
   Schmitt-Trigger IC in Smart DIL Package
SFH9340 OSRAM-SFH9340 Datasheet
70Kb / 8P
   Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
SFH9340 OSRAM-SFH9340_05 Datasheet
91Kb / 9P
   Gabellichtschranke mit Schmitt-Trigger IC
SFH3400 OSRAM-SFH3400 Datasheet
644Kb / 13P
   Smart DIL
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
   Smart DIL
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_08 Datasheet
260Kb / 5P
   SCHMITT TRIGGER
TC4S584F TOSHIBA-TC4S584F Datasheet
182Kb / 4P
   SCHMITT TRIGGER
logo
Microsemi Corporation
TSC367 MICROSEMI-TSC367 Datasheet
1Mb / 6P
   Schmitt Trigger
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_01 Datasheet
203Kb / 5P
   SCHMITT TRIGGER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com