Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-7099 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-7099
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-7099 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-7099 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-7099 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-7099 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-7099 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 of 4
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
*Note: BGA pattern is not symmetrical
with respect to the mounting holes.
Note: Full BGA pattern shown.
Please adjust pattern according
to individual requirements.
All dimensions are in mm unless stated otherwise
Status: Released
Drawing: J. Glab
Scale: 4:1
Rev: C
Date: 9/13/07
File: SG-BGA-7099 Dwg.mcd
SG-BGA-7099 Drawing
Modified: 09/18/14, DH
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
1.25mm±0.125mm (x4)
Orientation Mark
Non plated mounting hole
Non plated alignment hole
*3.11mm
2.86mm
0.5mm typ.
5.08mm
2.54mm
1.25mm±0.125mm (x4)
12.725mm (x4)
7mm
Ø 0.85mm±0.025mm (x2)
Ø 1.61mm±0.05mm (x4)
15x15 array
Ø 0.3mm pad (x225)


Similar Part No. - SG-BGA-7099

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-7090 IRONWOOD-SG-BGA-7090 Datasheet
105Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7091 IRONWOOD-SG-BGA-7091 Datasheet
89Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7094 IRONWOOD-SG-BGA-7094 Datasheet
79Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7095 IRONWOOD-SG-BGA-7095 Datasheet
79Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-7099

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com