Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-7095 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-7095
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-7095 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-7095 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-7095 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-7095 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-7095 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A
A
Customer's Target PCB
Customer's
BGA IC
9
8
7
2
3
4
1
5
11
Assembled
8.25mm +
IC thickness
6
10
Top View
Side View
(Section AA)
Recommended torque = 2.1 to 3 in-lb
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz BGA Socket - Direct mount, solderless
Features
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Easily removable swivel socket lid
PAGE 1 of 4
Socket Lid: Black anodized Aluminum.
Thickness = 2.5mm.
Socket base screw: Socket head cap, alloy steel with
black oxide finish, 0-80 fine thread , 9.525mm long.
Elastomer Guide: Non-clad FR4.
Thickness = 0.475mm.
Compression Plate: Black anodized Aluminum.
Thickness = 2.5mm.
Elastomer: 20 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.5mm.
Socket base: Black anodized Aluminum.
Thickness = 5mm.
Socket lid screw: Shoulder screw, 18-8 SS, 0-80 fine
thread.
Compression screw: Clear anodized Aluminum.
Thickness = 5mm, Hex socket = 5mm.
1
2
3
4
5
6
7
8
9
10
11
Ball Guide: Kapton polyimide.
Insulation Plate: FR4/G10, Thickness = 1.59mm.
Backing Plate: Black anodized Aluminum.
Thickness = 6.35mm.
Status: Released
Drawing: J. Glab
Scale: -
Rev: B
Date: 07/17/07
File: SG-BGA-7095 Dwg
SG-BGA-7095 Drawing
© 2009 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400, Burnsville MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Modified: 7/2/09, AE


Similar Part No. - SG-BGA-7095

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-7090 IRONWOOD-SG-BGA-7090 Datasheet
105Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7091 IRONWOOD-SG-BGA-7091 Datasheet
89Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7094 IRONWOOD-SG-BGA-7094 Datasheet
79Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7099 IRONWOOD-SG-BGA-7099 Datasheet
66Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-7095

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com