Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC2681 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SCC2681
Description  Dual asynchronous receiver/transmitter (DUART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681 Datasheet(HTML) 2 Page - NXP Semiconductors

  SCC2681 Datasheet HTML 1Page - NXP Semiconductors SCC2681 Datasheet HTML 2Page - NXP Semiconductors SCC2681 Datasheet HTML 3Page - NXP Semiconductors SCC2681 Datasheet HTML 4Page - NXP Semiconductors SCC2681 Datasheet HTML 5Page - NXP Semiconductors SCC2681 Datasheet HTML 6Page - NXP Semiconductors SCC2681 Datasheet HTML 7Page - NXP Semiconductors SCC2681 Datasheet HTML 8Page - NXP Semiconductors SCC2681 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Philips Semiconductors
Product data
SCC2681
Dual asynchronous receiver/transmitter (DUART)
2
2004 Apr 06
DESCRIPTION
The Philips Semiconductors SCC2681 Dual Universal
Asynchronous Receiver/Transmitter (DUART) is a single-chip
MOS-LSI communications device that provides two independent
full-duplex asynchronous receiver/transmitter channels in a single
package. It interfaces directly with microprocessors and may be
used in a polled or interrupt driven system. It is manufactured in a
CMOS process.
The operating mode and data format of each channel can be
programmed independently. Additionally, each receiver and
transmitter can select its operating speed as one of eighteen fixed
baud rates, a 16
× clock derived from a programmable counter/timer,
or an external 1
× or 16× clock. The baud rate generator and
counter/timer can operate directly from a crystal or from external
clock inputs. The ability to independently program the operating
speed of the receiver and transmitter make the DUART particularly
attractive for dual-speed channel applications such as clustered
terminal systems.
Each receiver is quadruply buffered to minimize the potential of
receiver over-run or to reduce interrupt overhead in interrupt driven
systems. In addition, a flow control capability is provided to disable a
remote DUART transmitter when the buffer of the receiving device is
full.
Also provided on the SCC2681 are a multipurpose 7-bit input port
and a multipurpose 8-bit output port. These can be used as general
purpose I/O ports or can be assigned specific functions (such as
clock inputs or status/interrupt outputs) under program control.
The SCC2681 is available in three package versions: 40-pin and
28-pin DIPs (both 0.6” wide); and a 44-pin PLCC.
FEATURES
Dual full-duplex asynchronous receiver/transmitter
Quadruple buffered receiver data registers
Programmable data format
– 5 to 8 data bits plus parity
– Odd, even, no parity or force parity
– 1, 1.5 or 2 stop bits programmable in 1/16-bit increments
Programmable baud rate for each receiver and transmitter
selectable from:
– 22 fixed rates: 50 to 115.2 k baud
16-bit programmable Counter/Timer
– Non-standard rates to 115.2 kb
– One user-defined rate derived from programmable
timer/counter
– External 1
× or 16× clock
Parity, framing, and overrun error detection
False start bit detection
Line break detection and generation
Programmable channel mode
– Normal (full-duplex)
– Automatic echo
– Local loopback
– Remote loopback
Multi-function programmable 16-bit counter/timer
Multi-function 7-bit input port
– Can serve as clock or control inputs
– Change of state detection on four inputs
– 100 k
Ω typical pull-up resistor
Multi-function 8-bit output port
– Individual bit set/reset capability
– Outputs can be programmed to be status/interrupt signals
– DMA signals
– Auto 485 turn-around
Versatile interrupt system
– Single interrupt output with eight maskable interrupting
conditions
– Output port can be configured to provide a total of up to six
separate wire-ORable interrupt outputs
Maximum data transfer: 1× – 1 MB/sec; 16× – 125 kB/sec
Automatic wake-up mode for multidrop applications
Start-end break interrupt/status
Detects break which originates in the middle of a character
On-chip crystal oscillator
Single +5 V power supply
Commercial and industrial temperature ranges available
DIP and PLCC packages
ORDERING INFORMATION
Type number
Package
Name
Description
Version
Commercial;
VCC = +5 V ± 5%; Tamb = 0 °C to +70 °C
SCC2681AC1A44
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
SCC2681AC1N28
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
SCC2681AC1N40
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1
Industrial;
VCC = +5 V ± 10%; Tamb = –40 °C to +85 °C
SCC2681AE1A44
PLCC44
plastic leaded chip carrier; 44 leads
SOT187-2
SCC2681AE1N28
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
SCC2681AE1N40
DIP40
plastic dual in-line package; 40 leads (600 mil)
SOT129-1


Similar Part No. - SCC2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681TC1A44 PHILIPS-SCC2681TC1A44 Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com