Electronic Components Datasheet Search |
|
C951U101MVWDCA7317 Datasheet(PDF) 1 Page - Kemet Corporation |
|
C951U101MVWDCA7317 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1068_X1_400 VAC_Y1_400 VAC • 1/13/2017 1 One world. One KEMET Overview KEMET’s 900 series encapsulated radial leaded ceramic disc capacitors are specifically designed for interference- suppression AC line filtering applications. Having internationally recognized safety certifications, these capacitors are well-suited for applications that require keeping potentially disruptive or damaging line transients and EMI out of susceptible equipment. They are also an ideal solution when needing to suppress line disturbances at the source. Safety Certified Capacitors are classified as either X and/ or Y capacitors. Class X capacitors are primarily used in line-to line (across-the-line) applications. In this application there is no danger of electric shock to humans should the capacitor fail, but could result in a risk of fire. The class Y capacitor is primarily used in line-to-ground (line by-pass) applications. In this application, failure of the capacitor could lead to danger of electric shock. With a working voltage of 400 VAC in line-to-line (Class X)and 400 VAC in line-to-ground (Class Y) applications, these safety capacitors meet the impulse test criteria outlined in IEC Standard 60384. Meeting subclass X1 and Y1 requirements, these devices are certified to withstand impulses up to 4 KV (X1) and 8 KV (Y1) respectively. These encapsulated devices also meet the flame test requirements outlined in UL Standard 94V–0. Radial Leaded Ceramic Disc Capacitors Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade) Ordering Information C9 3 1 U 101 J V S D A A 7317 Ceramic Series Body Diameter Lead Spacing1 Spec. Capacitance Code (pF) Capacitance Tolerance Rated Voltage Dielectric/ Temp. Char. Design Lead Config. 2 Failure Rate Packaging (C-Spec) C9 = Ceramic 900 Series 0 = 7.0 mm 1 = 8.0 mm 2 = 9.0 mm 3 = 10.0 mm 4 = 11.0 mm 5 = 12.0 mm 6 = 13.0 mm 7 = 14.0 mm 1 = 10.0 mm U = Safety Two significant digits and number of zeroes J = ±5% K = ±10% M = ±20% V = X1 400 VAC /Y1 400 VAC S = SL Y = Y5P W = Y5U V = Y5V D = Disc A = Straight B = Vertical Kink C = Outside Kink A = N/A See "Packaging C-Spec Ordering Options Table" below 1 "Vertical Kink" and "Outside Kink" lead configurations cannot be combined with the bulk/20 mm lead length option (WL20). 20 mm lead length is only available on capacitors ordered with straight leads (lead configuration ordering code "A"). For nonstandard lead length inquiries, please contact KEMET. 2 Bulk packaging lead length availability is dependent upon "Lead Configuration." See "Dimensions" section of this document to verify availability of a specific lead length option. For nonstandard lead length inquiries, please contact KEMET. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C951U101MVWDCA7317 |
|
Similar Description - C951U101MVWDCA7317 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |