Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4810N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN4810N
Description  Power Factor Correction Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4810N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN4810N Datasheet HTML 1Page - Fairchild Semiconductor FAN4810N Datasheet HTML 2Page - Fairchild Semiconductor FAN4810N Datasheet HTML 3Page - Fairchild Semiconductor FAN4810N Datasheet HTML 4Page - Fairchild Semiconductor FAN4810N Datasheet HTML 5Page - Fairchild Semiconductor FAN4810N Datasheet HTML 6Page - Fairchild Semiconductor FAN4810N Datasheet HTML 7Page - Fairchild Semiconductor FAN4810N Datasheet HTML 8Page - Fairchild Semiconductor FAN4810N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FAN4810
PRODUCT SPECIFICATION
4
REV. 1.0.12 9/24/03
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.65
1.0
V
Source Current
VIN = ±0.5V, VOUT = 6V
-40
-104
µA
Sink Current
VIN = ±0.5V, VOUT = 1.5V
40
160
µA
Open Loop Gain
60
70
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
60
75
dB
OVP Comparator
Threshold Voltage
2.65
2.75
2.85
V
Hysteresis
175
250
325
mV
Tri-Fault Detect
Fault Detect HIGH
2.65
2.75
2.85
V
Time to Fault Detect HIGH
VFB = VFAULT DETECT LOW to
VFB = OPEN. 470pF from VFB to
GND
24
ms
Fault Detect LOW
0.4
0.5
0.6
V
PFC ILIMIT Comparator
Threshold Voltage
-0.9
-1.0
-1.1
V
(PFC ILIMIT VTH - Gain
Modulator Output)
120
220
mV
Delay to Output
150
300
ns
GAIN Modulator
Gain (Note 3)
IAC = 100µA, VRMS = VFB = 0V
0.60
0.80
1.05
IAC = 50µA, VRMS = 1.2V, VFB = 0V
1.8
2.0
2.40
IAC = 50µA, VRMS = 1.8V, VFB = 0V
0.85
1.0
1.25
IAC = 100µA, VRMS = 3.3V, VFB = 0V
0.20
0.30
0.40
Bandwidth
IAC = 100µA
10
MHz
Output Voltage
IAC = 350µA, VRMS = 1V, VFB = 0V
0.60
0.75
0.9
V
Oscillator
Initial Accuracy
TA = 25°C
71
76
81
kHz
Voltage Stability
11V < VCC < 16.5V
1
%
Temperature Stability
2
%
Total Variation
Line, Temp
68
84
kHz
Ramp Valley to Peak Voltage
2.5
V
PFC Dead Time
350
650
ns
CT Discharge Current
VRAMP 2 = 0V, VRAMP 1 = 2.5V
3.5
5.5
7.5
mA
Reference
Output Voltage
TA = 25°C, I(VREF) = 1mA
7.4
7.5
7.6
V
Line Regulation
11V <VCC <16.5V
10
25
mV
Load Regulation
0mA <I(VREF) < 10mA;
TA = 0°C to 70°C
10
20
mV
Electrical Characteristics(Continued)
Unless otherwise specified, VCC = 15V, RT = 52.3kΩ, CT = 470pF, TA = Operating Temperature Range (Note 1)
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units


Similar Part No. - FAN4810N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4810EVAL FAIRCHILD-FAN4810EVAL Datasheet
62Kb / 6P
   Power Factor Controller
More results

Similar Description - FAN4810N

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com