Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431151008826 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 431151008826
Description  WS-TASV 5x5mm Tact Switch with ground terminal, SMD version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

431151008826 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  431151008826 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Checked
Drawn
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Projection
Drawing.- No.
d
Bounce 10ms max.
14-04-11
e
revised MatchCode
WS-TASV 5x5mm Tact Switch with ground terminal, SMD version
4311x10088x6
4311x10088x6.dft
10-07-13
Jelisarow
5:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,1
.xx = +/- 0,15
A4
SIZE
11-08-26
General Tolerance was +/- 0,2
a
WJ
11-08-30
Stroke Tolerance was +/- 0,15
b
WJ
11-10-28
warning text
c
WJ
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where
higher safety and reliability are especially required or if there is possibility
of direct damage or injury to human body, Wurth Elektronik must be
asked for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability
functions or performance, the sufficient reliability evaluation-check for the
safety must be performed before by the user before usage.
DaF
Basic material
10-07-13
Hsu
14-07-24
AL
f
remove Contact cladding
14-11-03
DaF
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Rating:
20mA, 15VDC
>Contact Resistance:
Initial:
100mOHM max.
After Life Test:
2OHM max.
>Insulation Resistance: min. 100MOHM at 500VDC
>Dielectric Strength:
250VAC for 1 minute
>Stroke:
0.25 +0.05 / - 0.1mm
>Bounce:
10ms max.
MATERIAL
>Cover:
Copper alloy
>Frame:
LCP UL 94V-0, color Black
>Contact: Stainless Steel with silver
>Terminal: Copper alloy with silver plating
>Tape:
Polyimide tape
SOLDERING INFORMATION
>Terminal in SMD version
>Reflow soldering according to JEDEC J-STD 020 Hot Air
>Hand soldering under 350°C for 3 sec. max
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Tape & Reel
P.C.B. MOUNTING PLAN
SCHEMATIC
4,8
7,2
Scale - 5:1
2
1
4
3
1,0
2
1
4
3
2
1
4
3
Grounded Terminal
can be effective even if not soldered
5,0 ±0,15
6,2 ±0,2
0,5
GND
2,5
h 0,10 Ref.
GND
GND
O 3,20
GND
GND
PN
Force
Color of Stem
Life cycle
431 181 008 816
160g ± 50gf
No actuator
1.000.000
431 151 008 826
260g ± 50gf
No actuator
200.000
GND
GND
GND


Similar Part No. - 431151008826

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
431151015826 WURTH-431151015826 Datasheet
104Kb / 1P
   WS-TASV 5x5mm Tact Switch with ground terminal, SMD version
431151015826 WURTH-431151015826 Datasheet
104Kb / 1P
   WS-TASV 5x5mm Tact Switch with ground terminal, SMD version
More results

Similar Description - 431151008826

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
431151015826 WURTH-431151015826 Datasheet
104Kb / 1P
   WS-TASV 5x5mm Tact Switch with ground terminal, SMD version
431181015816 WURTH-431181015816 Datasheet
104Kb / 1P
   WS-TASV 5x5mm Tact Switch with ground terminal, SMD version
431183015816 WURTH-431183015816 Datasheet
103Kb / 1P
   WS-TASV 5x5mm Tact Switch with ground terminal, J-Bend SMD version
431153008826 WURTH-431153008826 Datasheet
101Kb / 1P
   WS-TASV 5x5mm Tact Switch with ground terminal, J-Bend SMD version
431153015826 WURTH-431153015826 Datasheet
103Kb / 1P
   WS-TASV 5x5mm Tact Switch with ground terminal, J-Bend SMD version
431471031826 WURTH-431471031826 Datasheet
102Kb / 1P
   WS-TASV 6x6mm washable Tact Switch with ground terminal, SMD version
431471031836 WURTH-431471031836 Datasheet
102Kb / 1P
   WS-TASV 6x6mm washable Tact Switch with ground terminal, SMD version
431481031816 WURTH-431481031816 Datasheet
102Kb / 1P
   WS-TASV 6x6mm washable Tact Switch with ground terminal, SMD version
434111025826 WURTH-434111025826 Datasheet
94Kb / 1P
   WS-TASV,6,0x3,8mm Tact Switch, SMD version
430181038816 WURTH-430181038816 Datasheet
109Kb / 1P
   WS-TASV 4,5x4,5mm Tact Switch, SMD version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com