Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99909E3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # 99909E3
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

99909E3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button 99909E3 Datasheet HTML 3Page - Vishay Siliconix 99909E3 Datasheet HTML 4Page - Vishay Siliconix 99909E3 Datasheet HTML 5Page - Vishay Siliconix 99909E3 Datasheet HTML 6Page - Vishay Siliconix 99909E3 Datasheet HTML 7Page - Vishay Siliconix 99909E3 Datasheet HTML 8Page - Vishay Siliconix 99909E3 Datasheet HTML 9Page - Vishay Siliconix 99909E3 Datasheet HTML 10Page - Vishay Siliconix 99909E3 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
146 CTI
www.vishay.com
Vishay BCcomponents
Revision: 05-Dec-16
10
Document Number: 28403
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 8
Table 9
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
UR
(V)
FREQUENCY (Hz)
50
100
300
1000
3000
10 000
30 000
100 000
16
0.60
0.70
0.80
0.85
0.90
0.95
0.97
1.00
25
0.60
0.70
0.80
0.85
0.90
0.95
0.97
1.00
35
0.45
0.65
0.80
0.85
0.90
0.95
0.97
1.00
50
0.40
0.60
0.75
0.82
0.90
0.95
0.97
1.00
63
0.40
0.60
0.75
0.82
0.90
0.95
0.97
1.00
80
0.40
0.60
0.75
0.82
0.90
0.95
0.97
1.00
100
0.40
0.60
0.75
0.82
0.90
0.95
0.97
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Mounting
IEC 60384-18,
subclause 4.3
Shall be performed prior to tests mentioned below;
reflow soldering;
for maximum temperature load
refer to chapter “Mounting”
C/C: ± 5 %
tan
  spec. limit
IL2  spec. limit
Endurance
IEC 60384-18 /
CECC 32300,
subclause 4.15
Tamb = 125 °C; UR applied;
for test duration see Table 7
UR  16 V; C/C: ± 20 %
tan
  2 x spec. limit
IL2  spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb = 125 °C; UR and IR applied;
for test duration see Table 7
C/C: ± 30 %
tan
  3 x spec. limit
IL2  spec. limit
no short or open circuit
total failure percentage:
1 %
Shelf life
(storage at high
temperature)
IEC 60384-18 /
CECC 32300,
subclause 4.17
Tamb = 125 °C; no voltage applied;
1000 h
after test: UR to be applied for 30 min,
24 h to 48 h before measurement
For requirements
see “Endurance test” above
Reverse voltage
IEC 60384-18 /
CECC 32300,
subclause 4.16
Tamb = 125 °C:
125 h at U = -0.5 V,
followed by 125 h at UR
C/C: ± 15 %
tan
  1.5 x spec. limit
IL2  spec. limit


Similar Part No. - 99909E3

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9990 BELDEN-9990 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #24-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9990.0601000 BELDEN-9990.0601000 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #24-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9990.060500 BELDEN-9990.060500 Datasheet
159Kb / 2P
   Audio, Control & Instrument, #24-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
logo
Littelfuse
999020 LITTELFUSE-999020 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
999025 LITTELFUSE-999025 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results

Similar Description - 99909E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
146CTI VISHAY-146CTI_11 Datasheet
134Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 10-May-11
160CLA VISHAY-160CLA_13 Datasheet
135Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
MAL214699106E3 VISHAY-MAL214699106E3 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 01-Oct-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com