Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99704E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 99704E3
Description  Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

99704E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 99704E3 Datasheet HTML 2Page - Vishay Siliconix 99704E3 Datasheet HTML 3Page - Vishay Siliconix 99704E3 Datasheet HTML 4Page - Vishay Siliconix 99704E3 Datasheet HTML 5Page - Vishay Siliconix 99704E3 Datasheet HTML 6Page - Vishay Siliconix 99704E3 Datasheet HTML 7Page - Vishay Siliconix 99704E3 Datasheet HTML 8Page - Vishay Siliconix 99704E3 Datasheet HTML 9Page - Vishay Siliconix 99704E3 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
146 CTI
www.vishay.com
Vishay BCcomponents
Revision: 05-Dec-16
6
Document Number: 28403
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 5 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 146 CTI series
220 μF / 50 V; ± 20 %
Nominal case size: 12.5 mm x 12.5 mm x 13 mm; taped on
reel
Ordering code: MAL214699106E3
Table 5
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 kHz, 125 °C
IL2
Max. leakage current after 2 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL
CASE SIZE
L x W x H
(mm)
IR
125 °C
100 kHz
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
100 kHz
20 °C
(
)
Z
100 kHz
-40 °C
(
)
LIFE
CODE (1)
ORDERING CODE
MAL2146...
16
220
8 x 8 x 10
650
35
0.16
0.300
2.40
L1
99512E3
330
10 x 10 x 10
750
53
0.16
0.150
1.35
L1
99501E3
470
10 x 10 x 12
900
75
0.16
0.097
0.87
L2
99502E3
680
12.5 x 12.5 x 13
1100
109
0.16
0.075
0.68
L4
99503E3
1000
12.5 x 12.5 x 16
1300
160
0.16
0.058
0.52
L5
99504E3
1500
16 x 16 x 16
1400
240
0.16
0.050
0.45
L6
99505E3
2200
16 x 16 x 16
1400
352
0.18
0.050
0.45
L6
99506E3
3300
16 x 16 x 21
1660
528
0.20
0.035
0.32
L7
99507E3
3300
18 x 18 x 16
1500
528
0.20
0.050
0.45
L6
99508E3
3900
18 x 18 x 21
1750
624
0.20
0.035
0.32
L7
99509E3
4700
18 x 18 x 21
1750
752
0.22
0.035
0.32
L7
99511E3
25
100
8 x 8 x 10
650
25
0.14
0.300
2.40
L1
99611E3
220
10 x 10 x 10
750
55
0.14
0.150
1.35
L1
99601E3
330
10 x 10 x 12
900
83
0.14
0.097
0.87
L2
99602E3
470
12.5 x 12.5 x 13
1100
118
0.14
0.075
0.68
L4
99603E3
680
12.5 x 12.5 x 16
1300
170
0.14
0.058
0.52
L5
99604E3
1000
16 x 16 x 16
1400
250
0.14
0.050
0.45
L6
99605E3
1500
16 x 16 x 16
1400
375
0.14
0.050
0.45
L6
99606E3
2200
16 x 16 x 21
1660
550
0.16
0.035
0.32
L7
99607E3
2200
18 x 18 x 16
1500
550
0.16
0.050
0.45
L6
99608E3
2700
18 x 18 x 21
1750
675
0.16
0.035
0.32
L7
99609E3
35
33
8 x 8 x 10
650
12
0.12
0.300
2.40
L1
99013E3
47
10 x 10 x 10
750
17
0.12
0.150
1.35
L1
99001E3
100
10 x 10 x 10
750
35
0.12
0.150
1.35
L1
99002E3
150
10 x 10 x 10
750
53
0.12
0.150
1.35
L1
99003E3
220
10 x 10 x 12
900
77
0.12
0.097
0.87
L2
99004E3
330
12.5 x 12.5 x 13
1100
116
0.12
0.075
0.68
L4
99005E3
470
12.5 x 12.5 x 16
1300
165
0.12
0.058
0.52
L5
99006E3
680
16 x 16 x 16
1400
238
0.12
0.050
0.45
L6
99007E3
1000
16 x 16 x 16
1400
350
0.12
0.050
0.45
L6
99008E3
1200
18 x 18 x 16
1500
420
0.12
0.050
0.45
L6
99009E3
1500
16 x 16 x 21
1660
525
0.12
0.035
0.32
L7
99011E3
1800
18 x 18 x 21
1750
630
0.12
0.035
0.32
L7
99012E3
50
47
10 x 10 x 10
600
24
0.10
0.240
2.16
L1
99101E3
68
10 x 10 x 10
600
34
0.10
0.240
2.16
L1
99102E3
100
10 x 10 x 10
600
50
0.10
0.240
2.16
L1
99103E3
100
10 x 10 x 12
700
50
0.10
0.170
1.53
L2
99104E3
150
10 x 10 x 12
700
75
0.10
0.170
1.53
L2
99105E3
220
12.5 x 12.5 x 13
900
110
0.10
0.120
1.08
L4
99106E3
330
12.5 x 12.5 x 16
1100
165
0.10
0.085
0.76
L5
99107E3
470
16 x 16 x 16
1300
235
0.10
0.072
0.65
L6
99108E3
680
16 x 16 x 16
1300
340
0.10
0.072
0.65
L6
99109E3
1000
16 x 16 x 21
1500
500
0.10
0.052
0.47
L7
99111E3
1000
18 x 18 x 16
1300
500
0.10
0.070
0.63
L6
99112E3
1200
18 x 18 x 21
1600
600
0.10
0.049
0.44
L7
99113E3


Similar Part No. - 99704E3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
997002 LITTELFUSE-997002 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997003 LITTELFUSE-997003 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997004 LITTELFUSE-997004 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997005 LITTELFUSE-997005 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997010 LITTELFUSE-997010 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results

Similar Description - 99704E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
146CTI VISHAY-146CTI_V01 Datasheet
142Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
160CLA VISHAY-160CLA_16 Datasheet
143Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 14-Dec-16
146CTI VISHAY-146CTI_16 Datasheet
144Kb / 11P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 05-Dec-16
160CLA VISHAY-160CLA_V01 Datasheet
140Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature, Low Impedance
01-Jan-2023
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
146CTI VISHAY-146CTI_11 Datasheet
134Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 10-May-11
160CLA VISHAY-160CLA_13 Datasheet
135Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
MAL214699106E3 VISHAY-MAL214699106E3 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 01-Oct-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com