Electronic Components Datasheet Search |
|
C971U101KVVDBA7317 Datasheet(PDF) 6 Page - Kemet Corporation |
|
C971U101KVVDBA7317 Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1068_X1_400 VAC_Y1_400 VAC • 1/13/2017 6 Radial Leaded Ceramic Disc Capacitors Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade) Table 2 – Performance & Reliability: Test Methods and Conditions Item Specification Test Method Operating Temperature Range -40ºC to +125ºC Dielectric Strength Between lead wires No failures The capacitor shall not be damaged when 4,000 VAC(rms) is applied between the lead wires for 60 seconds. Body Insulation No failures The terminals (leads) of the capacitor shall be connected together. A metal foil is tightly wrapped around the body of the capacitor at a distance of about 3 to 4 mm from each terminal. The capacitor is then inserted into a container filled with metal balls approximately 1 mm in diameter. 4,000 VAC(rms) is applied for 60 seconds between the capacitor lead wires and metal balls. Metal Foil Metal Balls about 3 to 4 mm Insulation Resistance (IR) 10,000 MΩ minimum The insulation resistance shall be measured with 500±50 VDC applied after 60±5 seconds of charging. Capacitance Within specified tolerance Y5P, Y5U and Y5V: Capacitance is measured at 1 kHz ±20% and 5 Vrms or less. (20±2°C) SL: Capacitance is measured at 1 MHz ±20% and 1.0±0.2 Vrms (25°C) Dissipation Factor (DF) or Q Temperature Characteristics Specification Y5P, Y5U DF ≤ 2.5% Y5V DF ≤ 5.0% SL ≥ 30 pF: Q ≥ 1,000 < 30 pF: Q ≥ 400 +(20 x C) C = Nominal capacitance Temperature Characteristics Temperature Characteristics Capacitance Change Y5P Within ±10% Y5U Within +22%/−56% Y5V Within ~+30%/−80% SL −1,000 ~+350 ppmºC (+20ºC ~+85ºC) A capacitance measurement is made at each step specified: Step Temperature 1 +20±2ºC 2 −25±2ºC 3 +20±2ºC 4 +85±2ºC 5 +20±2ºC Pre-treatment: Capacitor is stored at 85±2ºC for 1 hour and then placed at room condition1 for 24±2 hours before measurement. Terminal Strength Tensile Lead wire or capacitor body shall not break. With the termination in its normal position, the specimen is held by its body in such a manner that the axis of the termination is vertical; a tensile force of 10 N is applied to the termination in the direction of its axis and acting in a direction away from the body of the specimen. Bending Lead wire or capacitor body shall not break. With the termination in its normal position, the specimen is held by its body in such a manner that the axis of the termination is vertical; a mass force of 5 N is then suspended from the end of the termination. The body of the specimen is then inclined within a period of 2 to 3 seconds, through an angle of approximately 90° in the vertical plane and then resumed to its initial position over the same period of time; this operation constitutes one bend. One bend immediately followed by a second bend in the opposite direction. 1 “Room Condition” is defined as follows: Temperature: 15 ~ 35°C/Humidity: 45 ~ 75%/Atmospheric Pressure: 86 ~ 106 kPa. |
Similar Part No. - C971U101KVVDBA7317 |
|
Similar Description - C971U101KVVDBA7317 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |