Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C971U101KVWDBA7317 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C971U101KVWDBA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C971U101KVWDBA7317 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C971U101KVWDBA7317 Datasheet HTML 4Page - Kemet Corporation C971U101KVWDBA7317 Datasheet HTML 5Page - Kemet Corporation C971U101KVWDBA7317 Datasheet HTML 6Page - Kemet Corporation C971U101KVWDBA7317 Datasheet HTML 7Page - Kemet Corporation C971U101KVWDBA7317 Datasheet HTML 8Page - Kemet Corporation C971U101KVWDBA7317 Datasheet HTML 9Page - Kemet Corporation C971U101KVWDBA7317 Datasheet HTML 10Page - Kemet Corporation C971U101KVWDBA7317 Datasheet HTML 11Page - Kemet Corporation C971U101KVWDBA7317 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1068_X1_400 VAC_Y1_400 VAC • 1/13/2017
8
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
Table 2 – Performance & Reliability: Test Methods and Conditions cont'd
Item
Specification
Test Method
High
Temperature
Life
Appearance
No visual defect
Impulse Voltage: Each individual capacitor is subjected to three 8
kv impulses prior to life testing.
PP
U
PR
U
Vp
0.9Vp
0.5Vp
tr
td
Time
td
(uS)
46
47
tr
(uS)
1.2
1.5
Cx
(uF)
0.01
0.1
Capacitors are placed in a circulating air oven for a period of
1,000 hours. The air in the oven is maintained at a temperature
of 125°C ±2°C throughout the test. The capacitors are subjected
to AC 680 Vrms. Each hour the voltage is increased to AC 1,000
Vrms for 0.1 seconds.
Capacitance
Change
Y5P, Y5V and Y5U: Within ±20%
SL: Within ±3 or ±0.3 pF,
whichever is larger.
IR
3,000 MΩ minimum
SL: 1,000 MΩ minimum
Dielectric
Strength
No failures
Flame Test
The capacitor flame extinguishes as
follows:
Cycle
Time
1 ~ 4
30 seconds
maximum
5
60 seconds
maximum
The capacitor is exposed to a flame for 15 seconds and then
removed for 15 seconds. This test is repeated for 5 cycles.
76
Capacitor
Flame
38
127
20º
Gas Burner
(Unit:mm)
Active Flammability
The cheesecloth should not ignite.
The capacitors are individually wrapped in at least one, but not
more than two, complete layers of cheesecloth. They are then
subjected to 20 discharges. The interval between successive
discharges is 5 seconds. The VAC is maintained for 2 minutes
after the last discharge.
S1
Tr
Vac
S2
C1
L3
L4
C2
C3
CX
Ct
Vt
L1
F
R
Oscilloscope
L2
C
1, 2
1 μF ±10%
C
3
0.033 μF ±5% 10 kV
L
1-4
1.5 Mh ±20% 16A Rod core choke
Cx
Test capacitor
R
100 ±2%
V
AC
VR ±5%
Ct
3 μF ±5% 10 kV
V
R
Rated Voltage
F
Fuse, Rated 10A
Vt
Voltage applied to Ct
Vx
5kV
time
1
“Room Condition” is defined as follows: Temperature: 15 ~ 35°C/Humidity: 45 ~ 75%/Atmospheric Pressure: 86 ~ 106 kPa.


Similar Part No. - C971U101KVWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C971U222KWDAA7317 KEMET-C971U222KWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C971U222KWDBA7317 KEMET-C971U222KWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C971U222KWDCA7317 KEMET-C971U222KWDCA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C971U222MWDAA7317 KEMET-C971U222MWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C971U222MWDBA7317 KEMET-C971U222MWDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
More results

Similar Description - C971U101KVWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
C971U472MZWDAA7317 KEMET-C971U472MZWDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C741U470JSSDBAWL50 KEMET-C741U470JSSDBAWL50 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 47 pF, 5%, 440 VAC (X1), 400 VAC (Y1), SL, Lead Spacing = 10mm
2/03/2023
C721U102MSWDAAWL25 KEMET-C721U102MSWDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 1000 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
C721U101KSYDAAWL25 KEMET-C721U101KSYDAAWL25 Datasheet
257Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 100 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C731U681KSYDBAWL35 KEMET-C731U681KSYDBAWL35 Datasheet
265Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 680 pF, 10%, 440 VAC (X1), 400 VAC (Y1), Y5P, Lead Spacing = 10mm
2/03/2023
C781U472MSWDCAWL50 KEMET-C781U472MSWDCAWL50 Datasheet
264Kb / 1P
   C700KJN SFTY X1-440 Y1-400, Ceramic, 4700 pF, 20%, 440 VAC (X1), 400 VAC (Y1), Y5U, Lead Spacing = 10mm
2/03/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com