Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-8040 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 408-8040
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-8040 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 408-8040 Datasheet HTML 3Page - TE Connectivity Ltd 408-8040 Datasheet HTML 4Page - TE Connectivity Ltd 408-8040 Datasheet HTML 5Page - TE Connectivity Ltd 408-8040 Datasheet HTML 6Page - TE Connectivity Ltd 408-8040 Datasheet HTML 7Page - TE Connectivity Ltd 408-8040 Datasheet HTML 8Page - TE Connectivity Ltd 408-8040 Datasheet HTML 9Page - TE Connectivity Ltd 408-8040 Datasheet HTML 10Page - TE Connectivity Ltd 408-8040 Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
114-1008
Rev K1
10 of 11
WIRE
TOOLING
SIZE (AWG)
INSULATION DIAMETER
APPLICATOR AND
INSTRUCTION SHEET
POWER UNIT
HAND CRIMPING TOOL AND
INSTRUCTION SHEET
Tinsel
0.76-1.02 [.030-.040]
687769-2
408-8040
1725900-[ ], 1725950-[ ],
2161400-[ ], 2161500-[ ],
2217000-[ ], 354500-1, or
565435-5
28-26
0.81-1.45 [.032-.057]
567307-2
408-8040
0.89-1.14 [.035-.045]
466348-2
90205-2
408-7914
26-22
0.89-1.65 [.035-.065]
466348-2
408-8040
90131-4
408-7850
466296-2
408-8039
26-20
1.02-2.79 [.040-.110]
687662-2
408-8025
24-22
1.52-2.29 [.060-.090]
90221-2
408-7963
24-20
1.02-2.54 [.040-.100]
466295-2
408-8039
1725900-[ ], 1725950-[ ],
2161400-[ ], 2161500-[ ],
2217000-[ ], or 354500-1
1.14-1.78 [.045-.070]
466294-2
466443-2
408-8040
90204-4
408-7951
1.52- 2.29 [.060-.090]
466453-2
22-20
1.52-2.29 [.060-.090]
90314-1
408-7698
22-18
1.52-2.79 [.060-.110]
466469-1
408-8040
1725900-[ ], 1725950-[ ],
2161400-[ ], 2161500-[ ],
2217000-[ ], or 354500-1
90135-2
408-7345
2.79 [.110] (Max)
466832-2
1.02-2.79 [.040-.110]
567138-2
408-8040
1725900-[ ], 1725950-[ ],
2161400[ ], 2161500-[ ],
2217000-[ ], or 354500-1
22-17
1.52-2.29 [.060-.090]
466563-2
408-8040
1725900-[ ], 1725950-[ ],
2161400[ ], 2161500-[ ],
2217000-[ ], 354500-1, or
565435-5
18-17
1.52-2.29 [.060-.090]
90314-1
408-7698
Figure 10 (End)
Miniature Quick-Change
Applicator (See Table)
AMP-O-LECTRIC Model G II
Terminators 2217000-[ ]
(409-32035) or
AMP-O-
LECTRIC Model “G”
Terminating Machine 354500-1
(409-5842)
AMP-O-LECTR
IC Model “K”
Terminating Machines 565435-5
(409-5128)
Hand Crimping Tools
(See Table)


Similar Part No. - 408-8040

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8040 TEC-408-8040 Datasheet
252Kb / 11P
   Audio/Microphone Connectors
More results

Similar Description - 408-8040

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
182N MILL-MAX-182N Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
183N MILL-MAX-183N Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
0272-0-01-34-00-00-03-0 MILL-MAX-0272-0-01-34-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
182M MILL-MAX-182M Datasheet
287Kb / 1P
   PRINTED CIRCUIT PINS
0257-0-00-01-00-00-03-0 MILL-MAX-0257-0-00-01-00-00-03-0 Datasheet
116Kb / 1P
   PRINTED CIRCUIT PINS
0265-0-01-01-00-00-03-0 MILL-MAX-0265-0-01-01-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
2956-0-00-XX-00-00-03-0 MILL-MAX-2956-0-00-XX-00-00-03-0 Datasheet
210Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00-00-03-0 MILL-MAX-0700-0-00-15-00-00-03-0 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00 MILL-MAX-0700-0-00-15-00 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0290-0-00-34-00-00-03-0 MILL-MAX-0290-0-00-34-00-00-03-0 Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com