Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

408-8040 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 408-8040
Description  Printed Circuit (PC) Board Pins and Disconnect Receptacle Contacts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-8040 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 408-8040 Datasheet HTML 3Page - TE Connectivity Ltd 408-8040 Datasheet HTML 4Page - TE Connectivity Ltd 408-8040 Datasheet HTML 5Page - TE Connectivity Ltd 408-8040 Datasheet HTML 6Page - TE Connectivity Ltd 408-8040 Datasheet HTML 7Page - TE Connectivity Ltd 408-8040 Datasheet HTML 8Page - TE Connectivity Ltd 408-8040 Datasheet HTML 9Page - TE Connectivity Ltd 408-8040 Datasheet HTML 10Page - TE Connectivity Ltd 408-8040 Datasheet HTML 11Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
114-1008
Rev K1
7 of 11
USING HAND TOOL
WIRE
RECEPTACLE CONTACT
SIZE
(AWG)
INSULATON
DIAMETER
DIAMETER
TYPE
DIMENSION
L
WIRE BARREL CRIMP
INSULATION
BARREL
CRIMP WIDTH
HEIGHT ±0.05 [±.002]
WIDTH
28-26
0.89-1.14 [.035-.045]
.058
A
09.65 [.380]
0.61 [.024]
1.40 [.055]
1.57 [.062]
26-22
0.89-1.65 [.035-.045]
0.66 [.026]
24-20
1.14-1.78 [.045-.070]
09.65 [.380]
0.84 [.033]
1.40 [.055]
2.03 [.080]
24-22
1.52-2.29 [.060-.090]
.058
A
10.03 [.395]
0.81 [.032]
1.40 [.055]
2.29 [.090]
22-18
1.02-2.54 [.040-.100]
.093
13.97 [.550]
0.84 [.033]
2.79 [.110]
22-20
1.52-2.29 [.060-.090]
.058
B
07.62 [.300]
0.94 [.037]
1.78 [.070]
2.29 [.090]
18-17
1.24 [.049]
24-20
1.02-2.54 [.040-.100]
.058
C
08.51 [.335]
0.84 [.033]
1.40 [.055]
2.79 [.110]
USING APPLICATOR
WIRE
RECEPTACLE CONTACT
SIZE
(AWG)
INSULATON
DIAMETER
DIAMETER
TYPE
DIMENSION
L
WIRE BARREL CRIMP
INSULATION
BARREL
CRIMP WIDTH
HEIGHT ±0.05 [±.002]
WIDTH
28
0.89-1.14 [.035-.045]
.058
A
09.65 [.380]
0.63 [.025]
1.40 [.055]
1.78 [.070]
26
0.68 [.027]
26
0.89-1.65 [.035-.065]
.058
A
09.65 [.380]
0.66 [.026]
24
0.74 [.029]
22
0.81 [.032]
26
0.89-1.65 [.035-.065]
.058
A
10.03 [.395]
0.99 [.039]
1.40 [.055]
2.03 [.080]
24
1.02 [.040]
22
1.12 [.044]
24
1.14-1.78 [.045-.070]
.058
A
09.65 [.380]
0.86 [.034]
1.40 [.055]
2.29 [.090]
22
0.94 [.037]
20
1.04 [.041]
24
1.52-2.29 [.060-.090]
.058
A
10.03 [.395]
0.86 [.034]
22
0.94 [.037]
20
1.04 [.041]
22
2.79 [.110] Max
.058
A
10.03 [.395]
0.94 [.037]
1.78 [.070]
2.29 [.090]
20
1.02 [.040]
18
1.14 [.045]
26
1.02-2.79 [.040-.110]
.058
A
10.03 [.395]
0.81 [.032]
1.40 [.055]
3.05 [.120]
24
0.86 [.034]
22
0.94 [.037]
20
1.04 [.041]
28
0.81-1.45 [.032-.057]
.093
A
13.84 [.545]
0.74 [.029]
1.40 [.055]
2.29 [.090]
26


Similar Part No. - 408-8040

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8040 TEC-408-8040 Datasheet
252Kb / 11P
   Audio/Microphone Connectors
More results

Similar Description - 408-8040

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
182N MILL-MAX-182N Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
183N MILL-MAX-183N Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
0272-0-01-34-00-00-03-0 MILL-MAX-0272-0-01-34-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
182M MILL-MAX-182M Datasheet
287Kb / 1P
   PRINTED CIRCUIT PINS
0257-0-00-01-00-00-03-0 MILL-MAX-0257-0-00-01-00-00-03-0 Datasheet
116Kb / 1P
   PRINTED CIRCUIT PINS
0265-0-01-01-00-00-03-0 MILL-MAX-0265-0-01-01-00-00-03-0 Datasheet
118Kb / 1P
   PRINTED CIRCUIT PINS
2956-0-00-XX-00-00-03-0 MILL-MAX-2956-0-00-XX-00-00-03-0 Datasheet
210Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00-00-03-0 MILL-MAX-0700-0-00-15-00-00-03-0 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0700-0-00-15-00 MILL-MAX-0700-0-00-15-00 Datasheet
760Kb / 1P
   PRINTED CIRCUIT PINS
0290-0-00-34-00-00-03-0 MILL-MAX-0290-0-00-34-00-00-03-0 Datasheet
119Kb / 1P
   PRINTED CIRCUIT PINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com