Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C981U222KWDBA7317 Datasheet(PDF) 5 Page - Kemet Corporation

Part # C981U222KWDBA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C981U222KWDBA7317 Datasheet(HTML) 5 Page - Kemet Corporation

  C981U222KWDBA7317 Datasheet HTML 1Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 2Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 3Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 4Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 5Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 6Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 7Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 8Page - Kemet Corporation C981U222KWDBA7317 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1066_X1_760 VAC_Y1_500 VAC • 1/13/2017
5
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
Table 1 – Product Ordering Codes and Ratings
Dielectric/
Temp.
Char.
KEMET
Part Number
Capacitance Capacitance
Tolerance
Dimensions (mm)
Lead Spacing
Body
Diameter
(Maximum)
Body
Thickness
(Maximum)
Lead
Diameter
Bulk
Packaging
Ammo
Packaging
Y5P
C911U101KWYD(1)A(2)
100 pF
±10%
8.0
7.0
0.55 ±0.05
10 mm
C911U151KWYD(1)A(2)
150 pF
8.0
C911U221KWYD(1)A(2)
220 pF
8.0
C911U331KWYD(1)A(2)
330 pF
8.0
C921U471KWYD(1)A(2)
470 pF
9.0
C931U561KWYD(1)A(2)
560 pF
10.0
C931U681KWYD(1)A(2)
680 pF
10.0
C951U102KWYD(1)A(2)
1,000 pF
12.0
Y5U
C921U102MWWD(1)A(2)
1,000 pF
±20%
9.0
C931U152MWWD(1)A(2)
1,500 pF
10.0
C961U222MWWD(1)A(2)
2,200 pF
13.0
C961U332MWWD(1)A(2)
3,300 pF
13.0
C971U392MWWD(1)A(2)
3,900 pF
14.0
C981U472MWWD(1)A(2)
4,700 pF
15.0
(1) To properly complete ordering code, insert the one-digit character code to reflect the required lead configuration: (See "Lead Configuration" section
of this document, page 2, for further details.)
A = Straight
B = Vertical Kink
C = Outside Kink
(2) To properly complete ordering code, enter the four-digit numeric or alphanumeric "Packaging C-Spec Ordering Code". See "Dimensions" section of
this document, page 2, for available options.


Similar Part No. - C981U222KWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C981U103MYVDAAWL45 KEMET-C981U103MYVDAAWL45 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U103MYVDBA7317 KEMET-C981U103MYVDBA7317 Datasheet
58Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
C981U472JZSDAA7317 KEMET-C981U472JZSDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
C981U472JZSDBA7317 KEMET-C981U472JZSDBA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
More results

Similar Description - C981U222KWDBA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C971U472MZWDAA7317 KEMET-C971U472MZWDAA7317 Datasheet
1Mb / 16P
   Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
logo
Vishay Siliconix
WKP VISHAY-WKP Datasheet
85Kb / 4P
   Ceramic AC Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 08-Feb-10
VY1 VISHAY-VY1_V01 Datasheet
207Kb / 8P
   EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
01-Jan-2022
VY1222M47Y5UQ6UV0 VISHAY-VY1222M47Y5UQ6UV0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
VY1102M35Y5UG63V0 VISHAY-VY1102M35Y5UG63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
440L VISHAY-440L_V01 Datasheet
207Kb / 9P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com