Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8656ICSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX8656ICSTRT
Description  Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8656ICSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX8656ICSTRT Datasheet HTML 5Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 6Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 9Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 10Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 11Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 12Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
9
www.semtech.com
SX8654/SX8655/SX8656
Haptics Enabled 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
Stress above the limits listed in the following table may cause permanent failure. Exposure to absolute ratings for
extended time periods may affect device reliability. The limiting values are in accordance with the Absolute
Maximum Rating System (IEC 134). All voltages are referenced to ground (GND).
Symbol
Description
Conditions
Min
Max
Unit
VABS
Voltage applied on any pin
- 0.5
3.9
V
X+/BR, Y+/TR, X-/TL,
Y-/BL, VDD, MVDD
+/-15
(1), +/-8(2)
VESDHBM
Electrostatic handling
Human Body Model (HBM)
Other pins
+/-8
(2)
kV
X+/BR, Y+/TR, X-/TL,
Y-/BL, VDD, MVDD
+/-1
VESDCDM
Electrostatic handling
Charged Device Model (CDM)
Other pins
+/-1
kV
X+/BR, Y+/TR, X-/TL,
Y-/BL, VDD, MVDD
+/-250
VESDMM
Electrostatic handling
Machine Model (MM)
Other pins
+/-250
V
VESDCD
Electrostatic handling
Contact Discharge (CD)
X+/BR, Y+/TR, X-/TL,
Y-/BL, VDD, MVDD
+/-15
kV
TAMB
Operating ambient temperature
-40
+85
°C
TJUN
Operating junction temperature
-40
+125
°C
TSTOR
Storage temperature
-55
+150
°C
ILAT
Latch-up current
(3)
+/-100
mA
(1) Tested to TLP (10A)
(2) Tested to JEDEC standard JESD22-A114
(3) Tested to JEDEC standard JESD78
Table 2 - Absolute Maximum Ratings
2.2
Thermal Characteristics
Symbol
Description
Conditions
Min
Max
Unit
θJAQ
Thermal Resistance Junction – Ambient
QFN package
-
-
30.5
°C/W
θJAW
Thermal Resistance Junction – Ambient
WLCSP package
-
-
29
°C/W
Table 3 – Thermal Characteristics
2.3
Electrical Specifications
Table below applies to full supply voltage and temperature range, unless otherwise specified. Typical values are
given for TA = +25°C, VDD=VDDM=3.3V.
Symbol
Description
Conditions
Min
Typ.
Max
Unit
Supply
VDD
Main supply voltage
-
2.3
-
3.6
V
OFF
(MAN mode, no command,
HAPT OFF)
-
0.4
0.75
WAIT
(PENDET/TRG mode, pen up,
PROX OFF, HAPT OFF)
-
1.7
-
TOUCH1
(PENTRG mode, pen down, X+Y,
RATE=4kcps, Nfilt=1,
POWDLY=0.5us, touchscreen
current excluded, HAPT OFF,
VDD=2.3V)
-
30
-
IDD
Main supply current
TOUCH2
(PENTRG mode, pen down, X+Y,
RATE=3kcps, Nfilt=7,
POWDLY=0.5us, touchscreen
current excluded, HAPT OFF)
-
120
160
uA


Similar Part No. - SX8656ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8656ICSTRT SEMTECH-SX8656ICSTRT Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results

Similar Description - SX8656ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
National Semiconductor ...
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com