Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8724CEVK Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX8724CEVK
Description  ZoomingADC for sensing data acquisition
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8724CEVK Datasheet(HTML) 1 Page - Semtech Corporation

  SX8724CEVK Datasheet HTML 1Page - Semtech Corporation SX8724CEVK Datasheet HTML 2Page - Semtech Corporation SX8724CEVK Datasheet HTML 3Page - Semtech Corporation SX8724CEVK Datasheet HTML 4Page - Semtech Corporation SX8724CEVK Datasheet HTML 5Page - Semtech Corporation SX8724CEVK Datasheet HTML 6Page - Semtech Corporation SX8724CEVK Datasheet HTML 7Page - Semtech Corporation SX8724CEVK Datasheet HTML 8Page - Semtech Corporation SX8724CEVK Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
www.semtech.com/products/
Page 1
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8724C
ZoomingADC for sensing data acquisition
Revision 1.01
January 2011
© Semtech
DESCRIPTION
FEATURES
The SX8724C is a data acquisition system based on
Semtech's low power ZoomingADC™ technology. It
directly connects most types of miniature sensors
with a general purpose microcontroller.
With 3 differential inputs, it can adapt to multiple
sensor systems. Its digital outputs are used to bias or
reset the sensing elements.
Up to 16-bit differential data acquisition
Programmable gain: (1/12 to 1000)
Sensor offset compensation up to 15 times full scale
of input signal
3 differential or 6 single-ended signal inputs
Programmable Resolution versus Speed versus
Supply current
Digital outputs to bias Sensors
Internal or external voltage reference
Internal time base
Low-power (250 uA for 16b @ 250 S/s)
Fast I2C interface with external address option, no
clock stretching required
APPLICATIONS
ORDERING INFORMATION
Industrial pressure sensing
Industrial temperature sensing
Industrial chemical sensing
Barometer
Compass
DEVICE
PACKAGE
REEL QUANTITY
SX8724CWLTDT
MLPQ-W-16 4x4
1000
- Available in tape and reel only
- WEEE/RoHS compliant, Pb-Free and Halogen Free.
FUNCTIONAL BLOC DIAGRAM
AC0
+
-
+
-
READY
AC3
AC2
AC1
PGA
ADC
VREF
+
-
ZoomingADC
TM
VPUMP
VBATT
SCL
SDA
D1
D0
SX8724C
VSS
CONTROL LOGIC
GPIO
CHARGE
PUMP
4MHz
OSC
AC5
AC4
AC7
AC6
I
2C
D3
D2
MCU


Similar Part No. - SX8724CEVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724CWLTDT SEMTECH-SX8724CWLTDT Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
More results

Similar Description - SX8724CEVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724S SEMTECH-SX8724S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition
SX8725C SEMTECH-SX8725C Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723C SEMTECH-SX8723C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
logo
List of Unclassifed Man...
XE88LC02 ETC1-XE88LC02 Datasheet
2Mb / 184P
   Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
logo
Semtech Corporation
SX8724 SEMTECH-SX8724 Datasheet
3Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
SX8723 SEMTECH-SX8723 Datasheet
4Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com