Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8651IWLTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SX8651IWLTRT
Description  Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8651IWLTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SX8651IWLTRT Datasheet HTML 1Page - Semtech Corporation SX8651IWLTRT Datasheet HTML 2Page - Semtech Corporation SX8651IWLTRT Datasheet HTML 3Page - Semtech Corporation SX8651IWLTRT Datasheet HTML 4Page - Semtech Corporation SX8651IWLTRT Datasheet HTML 5Page - Semtech Corporation SX8651IWLTRT Datasheet HTML 6Page - Semtech Corporation SX8651IWLTRT Datasheet HTML 7Page - Semtech Corporation SX8651IWLTRT Datasheet HTML 8Page - Semtech Corporation SX8651IWLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Revision V1.5/December 2010
©2010 Semtech Corp.
SX8651
www.semtech.com
Page 4
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Multitouch 4-wire Resistive Touchscreen
Controller with 15kV ESD Protection
1. General Description
1.1. DFN Pinout Diagram and Marking Information (Top View)
Figure 1. SX8651 DFN Top View, Pad on Bottom Side
The Device marking and
YYWW: Date Code
XXXXX: Lot Number
1.2. WLCSP Pinout Diagram and Marking Information (Top View)
Figure 2. SX8651 WLCSP Top View, Solder Bumps on Bottom Side
YYWW: Date Code
XXXXX: Lot Number
1
2
3
4
5
6
12
11
10
9
8
7
VDD
AUX
X+
Y+
X-
Y-
A0
NIRQ
NRST
SCL
SDA
GND
SX8651
TOP VIEW
13
FD77
YYWW
XXXX
PIN 1
IDENTIFIER
SX8651 TOP VIEW
solder bumps on bottom side
VDD
AUX
X+
Y+
A
A0
NIRQ
NRST
SCL
SDA
GND
B
C
D
3
2
1
X-
Y-
BA LL A1
ID EN TIFIER
FD 77


Similar Part No. - SX8651IWLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8651IWLTRT1 SEMTECH-SX8651IWLTRT1 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
More results

Similar Description - SX8651IWLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8650 SEMTECH-SX8650 Datasheet
796Kb / 56P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650EVKA SEMTECH-SX8650EVKA Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650 SEMTECH-SX8650_10 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com