Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1508BIULTRT Datasheet(PDF) 29 Page - Semtech Corporation

Part # SX1508BIULTRT
Description  World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1508BIULTRT Datasheet(HTML) 29 Page - Semtech Corporation

Back Button SX1508BIULTRT Datasheet HTML 25Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 26Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 27Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 28Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 29Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 30Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 31Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 32Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
29
www.semtech.com
SX1508B/SX1509B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
5:4
Edge sensitivity of RegData[2]
3:2
Edge sensitivity of RegData[1]
1:0
Edge sensitivity of RegData[0]
0x18
RegInterruptSourceB
0x00
7:0
Interrupt source (from IOs set in RegInterruptMask)
0 : No interrupt has been triggered by this IO
1 : An interrupt has been triggered by this IO (an event as configured in relevant
RegSense register occured).
Writing '1' clears the bit in RegInterruptSource and in RegEventStatus
When all bits are cleared, NINT signal goes back high.
0x19
RegInterruptSourceA
0x00
7:0
Interrupt source (from IOs set in RegInterruptMask)
0 : No interrupt has been triggered by this IO
1 : An interrupt has been triggered by this IO (an event as configured in relevant
RegSense register occured).
Writing '1' clears the bit in RegInterruptSource and in RegEventStatus
When all bits are cleared, NINT signal goes back high.
0x1A
RegEventStatusB
0x00
7:0
Event status of all IOs.
0 : No event has occured on this IO
1 : An event has occured on this IO (an edge as configured in relevant RegSense
register occured).
Writing '1' clears the bit in RegEventStatus and in RegInterruptSource if relevant.
If the edge sensitivity of the IO is changed, the bit(s) will be cleared automatically
0x1B
RegEventStatusA
0x00
7:0
Event status of all IOs.
0 : No event has occured on this IO
1 : An event has occured on this IO (an edge as configured in relevant RegSense
register occured).
Writing '1' clears the bit in RegEventStatus and in RegInterruptSource if relevant.
If the edge sensitivity of the IO is changed, the bit(s) will be cleared automatically
7:6
Level shifter mode for IO[7] (Bank A) and IO[15] (Bank B)
5:4
Level shifter mode for IO[6] (Bank A) and IO[14] (Bank B)
3:2
Level shifter mode for IO[5] (Bank A) and IO[13] (Bank B)
0x1C
RegLevelShifter1
0x00
1:0
Level shifter mode for IO[4] (Bank A) and IO[12] (Bank B)
00 : OFF
01 : A->B
10 : B->A
11 : Reserved
7:6
Level shifter mode for IO[3] (Bank A) and IO[11] (Bank B)
5:4
Level shifter mode for IO[2] (Bank A) and IO[10] (Bank B)
3:2
Level shifter mode for IO[1] (Bank A) and IO[9] (Bank B)
0x1D
RegLevelShifter2
0x00
1:0
Level shifter mode for IO[0] (Bank A) and IO[8] (Bank B)
00 : OFF
01 : A->B
10 : B->A
11 : Reserved
7
Unused
6:5
Oscillator frequency (fOSC) source
00 : OFF. LED driver, keypad engine and debounce features are disabled.
01 : External clock input (OSCIN)
10 : Internal 2MHz oscillator
11 : Reserved
4
OSCIO pin function (Cf. §4.7)
0 : OSCIO is an input (OSCIN)
1 : OSCIO is an output (OSCOUT)
0x1E
RegClock
0x00
3:0
Frequency of the signal output on OSCOUT pin:
0x0 : 0Hz, permanent "0" logical level (GPO)
0xF : 0Hz, permanent "1" logical level (GPO)
Else : fOSCOUT = fOSC/(2^(RegClock[3:0]-1))
7
LED Driver mode for Bank B ‘s fading capable IOs (IO15-12)
0: Linear
1: Logarithmic
6:4
Frequency of the LED Driver clock ClkX of all IOs:
0 : OFF. LED driver functionality is disabled for all IOs.
Else : ClkX = fOSC/(2^(RegMisc[6:4]-1))
3
LED Driver mode for Bank A ‘s fading capable IOs (IO7-4)
0: Linear
1: Logarithmic
2
NRESET pin function when externally forced low (Cf. §4.3.1 and §4.8.5)
0: Equivalent to POR
1: Reset PWM/Blink/Fade counters (not user programmed values)
This bit is can only be reset manually or by POR, not by NRESET.
1
Auto-increment register address (Cf. §4.4)
0: ON. When several consecutive data are read/written, register address is incremented.
1: OFF. When several consecutive data are read/written, register address is kept fixed.
0x1F
RegMisc
0x00
0
Autoclear NINT on RegData read (Cf. §4.6)
0: ON. RegInterruptSourceA/B is also automatically cleared when RegDataA/B is read.
1: OFF. RegInterruptSourceA/B must be manually cleared, either directly or via
RegEventStatusA/B.
0x20
RegLEDDriverEnableB
0x00
7:0
Enables LED Driver for each [output-configured] IO
0 : LED Driver is disabled
1 : LED Driver is enabled


Similar Part No. - SX1508BIULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   ADVANCED COMMUNICATIONS & SENSING
SX1508BEVK SEMTECH-SX1508BEVK Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508BEVK SEMTECH-SX1508BEVK Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
SX1508BEVK SEMTECH-SX1508BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1508BIULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1510B SEMTECH-SX1510B Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B_11 Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507QB SEMTECH-SX1507QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Solarflare Communicatio...
X2541 SOLARFLARE-X2541 Datasheet
288Kb / 2P
   The World?셲 Lowest Latency 100G Ethernet NIC
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com