Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1508BIULTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX1508BIULTRT
Description  World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1508BIULTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX1508BIULTRT Datasheet HTML 6Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 7Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 8Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 9Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 10Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 11Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 12Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 13Page - Semtech Corporation SX1508BIULTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
10
www.semtech.com
SX1508B/SX1509B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
3
TYPICAL OPERATING CHARACTERISTICS
Figure 3 – Typical Operating Characteristics
Fosc vs.Temperature (VDDM = 3.6V)
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-50
-30
-10
10
30
50
70
90
Temp (
oC)
SX1509B IDDM vs.VDDM (Oscillator Enabled)
100
120
140
160
180
200
220
240
260
280
300
320
340
360
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VDDM (V)
VOL vs.Temperature (VCCx = 3.6V, IOL = 15mA)
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
-30
-10
10
30
50
70
90
Temp (
oC)
VOH vs. Temperature (VCCx = 3.6V, IOH = 8mA)
3.2
3.25
3.3
3.35
3.4
3.45
3.5
3.55
3.6
-50
-30
-10
10
30
50
70
90
Temp (
oC)
SX1509B IDDM vs.VDDM (Oscillator Enabled)
100
120
140
160
180
200
220
240
260
280
300
320
340
360
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VDDM (V)
VOH vs. IOH (VDDM = 3.6V, Temp 25C)
3.2
3.25
3.3
3.35
3.4
3.45
3.5
3.55
3.6
-8
-7
-6
-5
-4
-3
-2
-1
0
IOH (mA)
VOL vs. IOL (VCCx = 3.6V, Temp 25C)
0
0.05
0.1
0.15
0.2
0.25
0.3
0
2
4
6
8
10
12
14
IOL (mA)
Fosc vs. VDDM
1.3
1.5
1.7
1.9
2.1
2.3
2.5
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VDDM (V)


Similar Part No. - SX1508BIULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   ADVANCED COMMUNICATIONS & SENSING
SX1508BEVK SEMTECH-SX1508BEVK Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508BEVK SEMTECH-SX1508BEVK Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
SX1508BEVK SEMTECH-SX1508BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1508BIULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1510B SEMTECH-SX1510B Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B_11 Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507QB SEMTECH-SX1507QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Solarflare Communicatio...
X2541 SOLARFLARE-X2541 Datasheet
288Kb / 2P
   The World?셲 Lowest Latency 100G Ethernet NIC
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com