Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1509BEVK Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX1509BEVK
Description  World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1509BEVK Datasheet(HTML) 1 Page - Semtech Corporation

  SX1509BEVK Datasheet HTML 1Page - Semtech Corporation SX1509BEVK Datasheet HTML 2Page - Semtech Corporation SX1509BEVK Datasheet HTML 3Page - Semtech Corporation SX1509BEVK Datasheet HTML 4Page - Semtech Corporation SX1509BEVK Datasheet HTML 5Page - Semtech Corporation SX1509BEVK Datasheet HTML 6Page - Semtech Corporation SX1509BEVK Datasheet HTML 7Page - Semtech Corporation SX1509BEVK Datasheet HTML 8Page - Semtech Corporation SX1509BEVK Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
1
www.semtech.com
SX1508B/SX1509B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
SX1508B/SX1509B
World’s Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
GENERAL DESCRIPTION
The SX1508B and SX1509B are complete ultra low
voltage General Purpose parallel Input/Output (GPIO)
expanders ideal for low power handheld battery
powered equipment. This family of GPIOs comes in
8-, 16-channel configuration and allows easy serial
expansion of I/O through a standard 400kHz I
2C
interface. GPIO devices can provide additional control
and monitoring when the microcontroller or chipset
has insufficient I/O ports, or in systems where serial
communication and control from a remote location is
advantageous.
These devices can also act as a level shifter to
connect a microcontroller running at one voltage level
to a component running at a different voltage level,
thus eliminating the need for extra level translating
circuits. The core is operating as low as 1.425V while
the dual I/O banks can operate between 1.2V and
3.6V independent of the core voltage and each other
(5.5V tolerant).
The
SX1508B
and
SX1509B
feature
a
fully
programmable LED Driver with internal oscillator for
enhanced lighting control such as intensity (via 256-
step PWM), blinking and breathing (fade in/out) make
them highly versatile for a wide range of LED
applications.
In addition, keypad applications are also supported
with
an
on-chip
scanning
engine that enables
continuous keypad monitoring up to 64 keys without
any additional host interaction reducing bus activity.
The SX1508B and SX1509B have the ability to
generate mask-programmable interrupts based on a
falling/rising edge of any of its GPIO lines. A
dedicated pin (NINT) indicates to a host controller
that a state change occurred on one or more of the
lines. Each GPIO is programmable via a bank of 8-bit
configuration registers that include data, direction,
pull-up/pull-down,
interrupt
mask
and
interrupt
registers. These I/O expanders feature small footprint
packages and are rated from -40°C to +85°C
temperature range.
ORDERING INFORMATION
Part Number
I/Os
Package
Marking
SX1508BIULTRT
8
QFN-UT-20
GAA2
SX1509BIULTRT
16
QFN-UT-28
GBA3
SX1508BEVK
8
Evaluation Kit
-
SX1509BEVK
16
Evaluation Kit
-
KEY PRODUCT FEATURES
1.2V to 3.6V Low Operating Voltage with Dual
Independent I/O Rails (VCC1, VCC2)
Enable Direct Level Shifting Between I/O
Banks and Host Controller
5.5V Tolerant I/Os, Up to 15mA Output Sink on
All I/Os (No Total Sink Current Limit)
Integrated LED Driver for Enhanced Lighting
Intensity Control (256-step PWM)
Blink Control (224 On/Off values)
Breathing Control (224 Fade In/Out values)
On-Chip Keypad Scanning Engine
Support Up to 8x8 Matrix (64 Keys)
Configurable Input Debouncer
8/16 Channels of True Bi-directional Style I/O
Programmable Pull-up/Pull-down
Push/Pull or Open-drain outputs
Programmable Polarity
Open Drain Active Low Interrupt Output (NINT)
Bit Maskable
Programmable Edge Sensitivity
Built-in Clock Management (Internal 2MHz
Oscillator/External Clock Input, 7 clock values)
OSCIO can be Configured as GPO
400kHz I
2C Compatible Slave Interface
4 User-Selectable I²C Slave Addresses
Power-On Reset and Reset Input (NRESET)
Ultra Low Current Consumption: 1uA Typ
-40°C to +85°C Operating Temperature Range
Up to 2kV HBM ESD Protection
Small Footprint Packages
Pb & Halogen Free, RoHS/WEEE compliant
TYPICAL APPLICATIONS
Cell phones, PDAs, MP3 players
Digital camera, Notebooks, GPS Units
Any battery powered equipment
I2C
NRESET
NINT
VDDM
1.425 - 3.6V
VCC1
1.2 - 3.6V
VCC2
1.2 - 3.6V
SX1508B
FULL LED DRIVE
KEYPAD SCANNING
BUTTON CONTROL
Host
Controller
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
LEVEL SHIFTING


Similar Part No. - SX1509BEVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1509BEVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1510B SEMTECH-SX1510B Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B_11 Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507QB SEMTECH-SX1507QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Solarflare Communicatio...
X2541 SOLARFLARE-X2541 Datasheet
288Kb / 2P
   The World?셲 Lowest Latency 100G Ethernet NIC
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com