Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBK-GS3140-00 Datasheet(PDF) 29 Page - Semtech Corporation

Part # EBK-GS3140-00
Description  Multi-Rate Adaptive 3G SDI Equalizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EBK-GS3140-00 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button EBK-GS3140-00 Datasheet HTML 25Page - Semtech Corporation EBK-GS3140-00 Datasheet HTML 26Page - Semtech Corporation EBK-GS3140-00 Datasheet HTML 27Page - Semtech Corporation EBK-GS3140-00 Datasheet HTML 28Page - Semtech Corporation EBK-GS3140-00 Datasheet HTML 29Page - Semtech Corporation EBK-GS3140-00 Datasheet HTML 30Page - Semtech Corporation EBK-GS3140-00 Datasheet HTML 31Page - Semtech Corporation EBK-GS3140-00 Datasheet HTML 32Page - Semtech Corporation EBK-GS3140-00 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
GS3140
Final Data Sheet
Rev.1
PDS-060939
May 2015
29 of 40
Semtech
Proprietary & Confidential
www.semtech.com
Read access is the same as the above except in step 1 the Command Word is set for read
access (R/W = 1).
Note: The UNIT ADDRESS field of the Command Word must always match
DEVICE_UNIT_ADDRESS for an access to be accepted by the device. Changing
DEVICE_UNIT_ADDRESS to a value other than 0 is only required if multiple devices are
connected to a single chip select (in Loop-Through or Bus-Through configuration).
4.11.10 Setting a Device Unit Address
Multiple (up to 32) GS3140 devices can be connected to a common Chip Select (CS) in
Loop-Through or Bus-Through operation.
To ensure that each device selected by a common CS can be separately addressed, a
unique Unit Address must be programmed by the host processor at start-up as part of
system initialization or following a device reset.
Note: By default at power up or after a device reset, the DEVICE_UNIT_ADDRESS of each
device is set to 0h and the SDIN
→ SDOUT non-clocked loop-through for each device is
enabled.
These are the steps required to set the DEVICE_UNIT_ADDRESS of devices in a chain to
values other than 0:
1. Write to Unit Address 0 selecting HOST_CONF_REG_0 (ADDRESS = 0), with the
GSPI_LINK_DISABLE bit set to 1 and the DEVICE_UNIT_ADDRESS field set to 0. This
disables the direct SDIN
→ SDOUT non-clocked path for all devices on chip select.
2. Write to Unit Address 0 selecting HOST_CONF_REG_0 (ADDRESS = 0), with the
GSPI_LINK_DISABLE bit set to 0 and the DEVICE_UNIT_ADDRESS field set to a
unique Unit Address. This configures DEVICE_UNIT_ADDRESS for the first device in
the chain. Each subsequent such write to Unit Address 0 will configure the next
device in the chain. If there are 32 devices in a chain, the last (32nd) device in the
chain must use DEVICE_UNIT_ADDRESS value 0.
3. Repeat step 2 using new, unique values for the DEVICE_UNIT_ADDRESS field in
HOST_CONF_REG_0 until all devices in the chain have been configured with their
own unique Unit Address value.
Note: tcmd_GSPI_conf delay must be observed after every write that modifies
HOST_CONFIG_REG_0.
All connected devices receive this command (by default the Unit Address of all devices
is 0), and the Loop-Through operation will be re-established for all connected devices.
Once configured, each device will only respond to Command Words with a UNIT
ADDRESS field matching the DEVICE_UNIT_ADDRESS in HOST_CONF_REG_0
Note: Although the Loop-Through and Bus-Through configurations are compatible
with previous generation GSPI enabled devices (backward compatibility), only devices
supporting Unit Addressing can share a chip select. All devices on any single chip select
must be connected in a contiguous chain with only the last device's SDOUT connected
to the application host processor. Multiple chains configured in Bus-Through mode can
have their final SDOUT outputs connected to a single application host processor input.


Similar Part No. - EBK-GS3140-00

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
EBK-GS2993-00 SEMTECH-EBK-GS2993-00 Datasheet
1Mb / 23P
   Dual Output Adaptive Cable Equalizer
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
More results

Similar Description - EBK-GS3140-00

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524_11 Datasheet
1Mb / 16P
   Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
   3G-SDI Re-timing Adaptive Cable Equalizer
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS6140 SEMTECH-GS6140 Datasheet
244Kb / 3P
   Multi-Rate 6G UHD-SDI Equalizer
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com